Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL66 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL66
Description  PHOTODARLINGTON OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL66 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL66 Datasheet HTML 1Page - Siemens Semiconductor Group IL66 Datasheet HTML 2Page - Siemens Semiconductor Group IL66 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
IL/ILD/ILQ66
Electrical Characteristics (TA=25C)
Symbol
Min.
Typ.
Max..
Unit
Condition
GaAs Emitter
Forward Voltage
1.25
1.5
V
IF=20 mA
Reverse Current
0.1
10
µAV
R=6.0 V
Capacitance
25
pF
VR=0 V
Photodarlington
Breakdown Voltage
Collector-Emitter
Collector-Base (IL66)
BVCEO
BVCBO
60
60
V
V
IC=1 mA, IF=0
IC=10 µA
Leakage Current,
Collector-Emitter
ICEO
1.0
100
nA
VCE=50 V, IF=0
Capacitance,
Collector-Emitter
3.4
pF
VCE=10 V
Coupled Characteristics
Current Transfer Ratio
IL/ILD/ILQ66-1
IL/ILD/ILQ66-2
IL/ILD/ILQ66-3
IL/ILD/ILQ66-4
CTR
100
300
400
500
400
500
500
750
%
%
%
%
IF=2 mA,VCE=10 V
IF=2 mA,VCE=10 V
IF=0.7 mA, VCE=10 V
IF=2 mA, VCE=5 V
Saturation Voltage,
Collector-Emitter
VCEsat
0.9
1.0
V
IC=10 mA, IF=10 mA
Rise Time -1, -2, -4
tR
200
µsV
CC=10 V
Fall Time -1, -2, -4
tF
200
µsI
F=2 mA, RC=100 Ω
Rise Time -3
tR
200
µsI
F=0.7 mA
Fall Time -3
tF
200
µsV
CC=10 V, RL=100 Ω
Figure 1. Forward voltage versus forward current
Figure 2. Normalized non-saturated and saturated
CTRce versus LED curren
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 100
°C
100
10
1
.1
0.0
0.5
1.0
1.5
2.0
Vce = 1 V
Vce = 5 V
IF - LED Current - mA
Normalized to:
Ta = 25
°C
Vce = 5 V
IF = 2 mA
Figure 3. Normalized non-saturated and saturated
CTRce versus LED current
Figure 4. Non-saturated and saturated collector
emitter current versus LED current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
.1
1
10
100
1000
Vce = 5 V
Vce = 1 V
IF - LED Current - mA
Ta = 25
°C
Vce = 5 V
IF = 10 ma
Normalized to:
.1
1
10
100
.001
.01
.1
1
10
100
1000
10000
Vce = 5 V
Vce = 1 V
IF - LED Current - mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com