Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL66 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL66
Description  PHOTODARLINGTON OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL66 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL66 Datasheet HTML 1Page - Siemens Semiconductor Group IL66 Datasheet HTML 2Page - Siemens Semiconductor Group IL66 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL/ILD/ILQ66
Figure 9. Low/high propagation delay versus collector
load resistance and LED current
Figure 10. Switching waveform
Figure 11. Switching schematic
0
5
10
15
20
0
25
50
75
100
125
150
220
Ω
2K
Ω
10K
Ω
IF - LED Current - mA
Ta = 25
°C
Vcc = 5 V
Vth = 1.5 V
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VO
RL
VCC=10 V
F=10 KHz,
DF=50%
IF
Figure 5. Collector-base photocurrent versus LED
current
Figure 6. Collector-emitter current versus LED current
Figure 7. Non-saturated and saturated HFE versus
LED current
Figure 8. High/low propagation delay versus
collector load resistance and LED current
.1
1
10
100
Ta = 25
°C
IF - LED Current - mA
.1
1
10
100
1000
.1
1
10
100
1000
.001
.01
.1
1
10
100
1000
10000
Vce = 5 V
Vce = 1 V
Ib - Base Current -
µs
Ta = 25
°C
.1
1
10
100
1000
0
5000
10000
15000
20000
25000
Vce = 5 V
Vce = 1 V
Ib - Base Current -
µA
Ta = 25
°C
0
5
10
15
20
0
10
20
30
40
50
220
Ω
10K
Ω
Figure 8
IF - LED Current - mA
Ta = 25
°C
Vcc = 5 V
Vth = 1.5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com