Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981 Datasheet(PDF) 11 Page - ON Semiconductor

Part # LMV981
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LMV981 Datasheet HTML 7Page - ON Semiconductor LMV981 Datasheet HTML 8Page - ON Semiconductor LMV981 Datasheet HTML 9Page - ON Semiconductor LMV981 Datasheet HTML 10Page - ON Semiconductor LMV981 Datasheet HTML 11Page - ON Semiconductor LMV981 Datasheet HTML 12Page - ON Semiconductor LMV981 Datasheet HTML 13Page - ON Semiconductor LMV981 Datasheet HTML 14Page - ON Semiconductor LMV981 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LMV981, LMV982
http://onsemi.com
11
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
−30
−10
10
30
50
70
90
110
Figure 9. Gain and Phase vs. Frequency
FREQUENCY (Hz)
CL = 0 pF
VS = 1.8 V
RL = 100 kW
TA = 25°C
Phase
Gain
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
−30
−10
10
30
50
70
90
110
Figure 10. Gain and Phase vs. Frequency
FREQUENCY (Hz)
CL = 0 pF
VS = 5.0 V
RL = 100 kW
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com