Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6502REAADG6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM6502REAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502REAADG6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM6502REAADG6F Datasheet HTML 17Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 18Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 19Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 20Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 21Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 22Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 23Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 24Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
Package mechanical data
Doc ID 16101 Rev 5
21/29
Figure 15.
TDFN – 8-lead 2 x 2 x 0.75 mm, 0.5 mm pitch package outline
Table 8.
TDFN – 8-lead 2 x 2 x 0.75 mm, 0.5 mm pitch package mechanical data
Symbol
Dimension (mm)
Dimension (inches)
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
BSC
1.9
2.00
2.1
0.075
0.079
0.083
E
BSC
1.9
2.00
2.1
0.075
0.079
0.083
e
0.50
0.020
L
0.45
0.55
0.65
0.018
0.022
0.026
e
L
BOTTOM VIEW
8
5
Pin#1 ID
1
PIN 1 INDEX AREA
4
b
E
0.10 C
A
A1
PLANE
SEAT ING
TOP VIEW
2x
2x
D
PIN 1 INDEX AREA
0.10 C
0.10 C
0.08 C
0.10
C A B
B
A
C
8070540_A
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com