Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3U Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATSAM3U Datasheet HTML 22Page - ATMEL Corporation ATSAM3U Datasheet HTML 23Page - ATMEL Corporation ATSAM3U Datasheet HTML 24Page - ATMEL Corporation ATSAM3U Datasheet HTML 25Page - ATMEL Corporation ATSAM3U Datasheet HTML 26Page - ATMEL Corporation ATSAM3U Datasheet HTML 27Page - ATMEL Corporation ATSAM3U Datasheet HTML 28Page - ATMEL Corporation ATSAM3U Datasheet HTML 29Page - ATMEL Corporation ATSAM3U Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
26
6430CS–ATARM–09-Apr-10
SAM3U Series
Even in all low power modes, asserting the pin will automatically start-up the chip and erase the
Flash.
7.
Processor and Architecture
7.1
ARM Cortex-M3 Processor
• Version 2.0
• Thumb-2 (ISA) subset consisting of all base Thumb-2 instructions, 16-bit and 32-bit.
• Harvard processor architecture enabling simultaneous instruction fetch with data load/store.
• Three-stage pipeline.
• Single cycle 32-bit multiply.
• Hardware divide.
• Thumb and Debug states.
• Handler and Thread modes.
• Low latency ISR entry and exit.
7.2
APB/AHB Bridges
The SAM3U product embeds two separated APB/AHB bridges:
• low speed bridge
• high speed bridge
This architecture enables to make concurrent accesses on both bridges.
All the peripherals are on the low-speed bridge except SPI, SSC and HSMCI.
The UART, 10-bit ADC (ADC), 12-bit ADC (ADC12B), TWI0-1, USART0-3, PWM have dedicated
channels for the Peripheral DMA Channels (PDC). These peripherals can not use the DMA
Controller.
The high speed bridge regroups the SSC, SPI and HSMCI. These three peripherals do not have
PDC channels but can use the DMA with the internal FIFO for Channel buffering.
Note that the peripherals of the two bridges are clocked by the same source: MCK.
7.3
Matrix Masters
The Bus Matrix of the SAM3U device manages 5 masters, which means that each master can
perform an access concurrently with others to an available slave.
Each master has its own decoder and specifically defined bus. In order to simplify the address-
ing, all the masters have the same decoding.
Table 7-1.
List of Bus Matrix Masters
Master 0
Cortex-M3 Instruction/Data
Master 1
Cortex-M3 System
Master 2
Peripheral DMA Controller (PDC)
Master 3
USB Device High Speed DMA
Master 4
DMA Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com