Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3U Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATSAM3U Datasheet HTML 54Page - ATMEL Corporation ATSAM3U Datasheet HTML 55Page - ATMEL Corporation ATSAM3U Datasheet HTML 56Page - ATMEL Corporation ATSAM3U Datasheet HTML 57Page - ATMEL Corporation ATSAM3U Datasheet HTML 58Page - ATMEL Corporation ATSAM3U Datasheet HTML 59Page - ATMEL Corporation ATSAM3U Datasheet HTML 60Page - ATMEL Corporation ATSAM3U Datasheet HTML 61Page - ATMEL Corporation ATSAM3U Datasheet HTML 62Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
59
6430CS–ATARM–09-Apr-10
SAM3U Series
Revision History
In the tables that follow, the most recent version of the document appears first.
“rfo” indicates changes requested during the review and approval loop.
Doc. Rev
6430CS
Comments
Change
Request
Ref.
Section 2. ”SAM3U Block Diagram”, changed orientation of block diagrams.
Section 5. ”Power Considerations”, fixed grammar in Voltage ranges.
Section 3. ”Signal Description”, USART signal DCD0 is an Input
rfo
6681
Figure 5-1 ”Single Supply”, Main supply range is 1.8V-3.6V.
Figure 5-1, Figure 5-2, Figure 5-3, updated “Note” below figures, “With Main Supply <2.0V USB and ADC are
not usable.
6698
Section 5.5 ”Low Power Modes”, stray references to WUPx pins, renamed WKUPx
6711
Table 5-1, “Low Power Mode Configuration Summary”, updated footnote “5”.
6964
Table 11-2, “Multiplexing on PIO Controller A (PIOA)”, TWD1 and TWCK1 only available on 144-pin version.
6686
Section 10.13 ”Chip Identification”
Table 10-2, “SAM3U Chip IDs Register - Revision A Parts”, added to datasheet.
Section 12.4 ”Universal Synchronous Asynchronous Receiver Transmitter (USART)”...“SCK up to MCK/6”
6951
rfo
→7097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com