Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC-4/12VDC Datasheet(PDF) 1 Page - Tyco Electronics

Part # HC-4/12VDC
Description  Make & Break Load Switching
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HC-4/12VDC Datasheet(HTML) 1 Page - Tyco Electronics

  HC-4/12VDC Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features:
Features:
36
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com
Nominal, Volts dc
Pickup, Volts dc, Maximum
Drop-Out, Volts dc
Coil Resistance (Ohms ±10%)
Ratings listed are for 25°C, sea level conditions
8kV 
Kilovac HC-2 No Load Switching
HC-4 Make & Break Load Switching
Kilovac HC-6 Make Only
• Tungsten contacts for switching high in-rush
loads
• SF-6 gas-filled for capacitive discharge
applications
• Ideal for ESD testing applications
Part Number
Contact Arrangement ..........................................................
Contact Form ........................................................................
Test Voltage (dc or 60Hz) ...................................................
Rated Operating Voltage
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Continuous Carry Current , Maximum
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Coil Hi-Pot (V RMS, 60 Hz) ...........................................
Contact Capacitance
Between Open Contacts .................................................
Open Contacts to Ground ..............................................
Contact Resistance, Maximum ...........................................
Operate Time, Maximum .....................................................
Release Time, Maximum .....................................................
Shock, 11 ms 1/2 Sine ........................................................
Vibration, 10 G’s Peak .........................................................
Operating Ambient Temperature Range ............................
Mechanical Life (Operations x 106) ....................................
Weight, Nominal ..................................................................
COIL DATA
26.5
16
1 - 10
335
115
80
5 - 50
6000
12
8
.5 - 5
80
PRODUCT SPECIFICATIONS
* Contact resistance for gas-filled relays is measured at 28 Vdc, 1 amp
PART NUMBER SELECTION
HC-2
• Vacuum dielectric and copper contacts for
high current carry rating of 25 Amps
• Not designed for power switching
• Stable, low contact resistance
• Meets requirements of MIL-R-83725
HC-4
• Tungsten contacts for long life in power
switching applications
• Vacuum dielectric for arc suppression when
making or breaking a load
• Widely used in defibillator applications
• Meets requirements of MIL-R-83725
Sample Part No.
HC-
6
Model
2
4
6
Coil Voltage
Blank = 26.5 Vdc
/12Vdc = 12 Vdc
/115Vdc = 115 Vdc
/12Vdc
Units
kV Peak
A RMS
pF
ohms
ms
ms
Peak G's
Hz
o
C
Cycles
oz.
HC-2
HC-4
HC-6
SPDT
SPDT
SPDT
C
CC
10
10
10
8
88
-
--
-
--
-
--
25
15
8
-
--
-
--
-
--
500
500
500
-
--
-
--
0.01
0.02
0.5*
6
66
6
66
50
50
50
55-2000
55-2000
55-2000
-55 to +125
-55 to +125
-55 to +125
2
21
1.4
1.4
1.4


Similar Part No. - HC-4/12VDC

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
HC-40 RAKON-HC-40 Datasheet
172Kb / 1P
Crystals Referencing to UTE C 93-611 Standard
24 November 2022
HC-40E7 RAKON-HC-40E7 Datasheet
172Kb / 1P
Crystals Referencing to UTE C 93-611 Standard
24 November 2022
logo
Yuechung International ...
HC-40T YIC-HC-40T Datasheet
157Kb / 1P
49U.49T 50U Series : HC-49U HC-40T HC-50U Quartz Crystal
logo
Rakon Limited
HC-40U RAKON-HC-40U Datasheet
172Kb / 1P
Crystals Referencing to UTE C 93-611 Standard
24 November 2022
logo
FOTEK CONTROLS CO., LTD...
HC-41P FOTEK-HC-41P Datasheet
1Mb / 4P
DIN 72X72 Digital Counter
More results

Similar Description - HC-4/12VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV200 ETC-EV200 Datasheet
156Kb / 2P
Make & Break Load Switching
K81C ETC1-K81C Datasheet
291Kb / 1P
Make & Break Load Switching
logo
Tyco Electronics
H-14 MACOM-H-14 Datasheet
469Kb / 1P
Make & Break Load Switching
H-18 MACOM-H-18 Datasheet
257Kb / 1P
Make & Break Load Switching
H-19 MACOM-H-19 Datasheet
428Kb / 1P
Make & Break Load Switching
H-23 MACOM-H-23 Datasheet
239Kb / 1P
Make & Break Load Switching
H-26 MACOM-H-26 Datasheet
268Kb / 1P
Make & Break Load Switching
HC-1 MACOM-HC-1 Datasheet
368Kb / 1P
Make & Break Load Switching
logo
TE Connectivity Ltd
K44P TEC-K44P Datasheet
121Kb / 1P
K44P Make & Break Load Switching-8 kV Relays
PD10 TEC-PD10 Datasheet
185Kb / 1P
PD10 Make & Break Load Switching
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com