Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FI-RE41S-VF-R1300 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-RE41S-VF-R1300
Description  Connector for Internal Serial Transmission
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RE41S-VF-R1300 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FI-RE41S-VF-R1300 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MB-0153-2
2/15
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
General Specification
Receptacle
A1. FI-RE**S-HF (Right-angle, shell type)
A2. FI-RE**S-VF (Straight, shell type )
Plug, Crimp Type
B1.
FI-RE**HL (Mechanical lock, shell type)
B2. FI-RC3-1A-1E-15000 (Crimp for upper contact )
B3. FI-RC3-1B-1E-15000 (Crimp for lower contact )
Plug, Solder Type
C1. FI-RE**CL (Mechanical lock, shell type)
C2. FI-RE**CL-SH2-3000 (Cover shell for solder type)
■Rated Current:
AC, DC 0.8A each / terminal
■Insulation Resistance: 100M ohm min.
■Pitch: 0.5mm
■No. of Contacts: 21, 31, 41, 51pos.
■Contact Resistance: 50m ohm max.
■Dielectric Withstanding Voltage:
AC500Vr.m.s, 1 minute
■Operating Temperature:
-40Deg. C to +80Deg. C
■Rated Current:
AC, DC 0.7A each / terminal
■Insulation Resistance: 100M ohm min.
■Pitch: 0.5mm
■Applicable Cable: 30, 32, 36 AWG
■No. of Contacts: 21, 31, 41, 51pos.
■Contact Resistance: 50m ohm max.
■ Dielectric Withstanding Voltage:
AC500Vr.m.s, 1 minute
■Operating Temperature:
-40Deg. C to +80Deg. C
■Rated Current:
AC, DC 0.7A each / terminal
■Insulation Resistance: 100M ohm min.
■Pitch: 0.5mm
■Applicable Cable:
Coaxial cable 40 AWG
■No. of Contacts: 21, 31, 41, 51pos.
■Contact Resistance: 50m ohm max.
■Dielectric Withstanding Voltage:
AC500Vr.m.s, 1 minute
■Operating Temperature:
-40Deg. C to +80Deg. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com