Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FI-RE41S-VF-R1300 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-RE41S-VF-R1300
Description  Connector for Internal Serial Transmission
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RE41S-VF-R1300 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FI-RE41S-VF-R1300 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/15
MB-0153-2
October 2008
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Features
FI-R Series
Connector for Internal Serial Transmission
High-speed serial transmission such as LVDS, TMDS (HDMI), and PCI Express are
widely used in applications in a variety of markets including the personal computer,
TV, consumer device, copier, and medical device markets.
In these applications connectors not only need to have the ability to transmit signals
at high speed, but they also must have the durability, ease of mating, and variety of
options to respond to the demands of all designs.
The FI-R is the ideal connector series to meet these demands.
•0.5mm terminal pitch, 3.8mm connector, compact design with 21, 31, 41, and 51
positions.
•Stable mating with large mating guides on the Plug.
•Strong PCB retention with solder hold-downs on the Receptacle.
•Impedance matching: 100 ohm. Ground reinforced by shell structure and hold-downs.
•Receptacle options include with and without shell, and right-angle and straight types,
all with a common footprint.
•Mechanical lock to prevent mis-mating and accidental unmating.
•Plug options for discrete wire crimping, fine coaxial wire soldering, and FFC to suit a
variety of needs.
•VESA standard connector for TV LCD interface.
RoHS Compliant


Similar Part No. - FI-RE41S-VF-R1300

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-RE41S-VF-R1300 JAE-FI-RE41S-VF-R1300 Datasheet
113Kb / 3P
Connector for internal serial transmission, Standard type, 41 pos., Receptacle
More results

Similar Description - FI-RE41S-VF-R1300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
SERIAL INTERFACE TRANSMISSION DECODER
Dec-1992
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
Serial Interface/Transmission Encorder
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
Serial Interface/Transmission Encorder
logo
List of Unclassifed Man...
SBX1639-02 ETC1-SBX1639-02 Datasheet
29Kb / 2P
SERIAL DATA TRANSMISSION EQUALIZER AND RE-GENERATOR
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
2863627 PHOENIX-2863627 Datasheet
470Kb / 20P
Inline terminal for serial data transmission
6878 PHOENIX-6878 Datasheet
1Mb / 28P
Inline terminal for serial data transmission
6985 PHOENIX-6985 Datasheet
470Kb / 20P
Inline terminal for serial data transmission
8235 PHOENIX-8235 Datasheet
286Kb / 22P
Inline communication terminal for serial data transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com