Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC200 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments DLPC200 Datasheet HTML 22Page - Texas Instruments DLPC200 Datasheet HTML 23Page - Texas Instruments DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
P0
P1
P2
P3
Pn
PORTx_CLK
PORTx_D(23:),
PORTx(VSYNC,
PORTx_HSYNC,
PORTx_IVALID
P
P
n-2
n-1
PORTx_IVALID
(This diagram assumes the HSYNC
active edge is the Rising edge)
tp_clkper
tp_hsw
tp_hbp
tp_hfp
tp_vbp
tp_vsw
tp_vfp
tp_wh
tp_wl
tp_h
tp_su
1 Frame
1 Line
(This diagram assumes the VSYNC
active edge is the Rising edge)
PORTx_VSYNC
PORTx_HSYNC
PORTx_HSYNC
PORTx_IVALID
PORTx_D(23:0)
PORTx_CLK
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
Figure 3. Input Port Interface
DLPC200 Master, I
2C Interface, for Extended Display Identification Data (EDID) programming
The DLCP200 controller I2C interface is used only to program the HDMI EDID. Upon plugging in an HDMI
source, the DMD resolution is compared to the HDMI output resolution programmed in the EDIDPROM. If the
two do not match, then the HDMI EDID is adjusted to match the DMD resolution.
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to a positive supply via a pullup resistor when connected to the output stages of a device. Data
transfer may be initiated only when the bus is not busy.
I2C communication with this device is initiated by a master sending a Start condition, a high-to-low transition on
the SDA input/output while the SCL input is high. After the Start condition, the device address byte is sent, MSB
first, including the data direction bit (R/W).
After receiving the valid address byte, this device responds with an ACK, a low on the SDA input/output during
the high of the ACK-related clock pulse.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com