Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC200 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 26Page - Texas Instruments DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments DLPC200 Datasheet HTML 31Page - Texas Instruments DLPC200 Datasheet HTML 32Page - Texas Instruments DLPC200 Datasheet HTML 33Page - Texas Instruments DLPC200 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
SPI_CLK
SPI_DATA
tp_su
tp_h
tp_wh
tp_wl
tp_clkper
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
Figure 11. Flash Memory Interface Timing
Recomended Serial Flash Devices shows the Serial Flash parts that were tested by TI and found to work
properly with the DLPC200.
Recommended Serial Flash Devices
PART NUMBER
MANUFACTURER
SIZE
M25P64
Numonyx
64 Mbit
W25Q64BV
Winbond
64 Mbit
STATIC RAM Interface
The DLPC200 controller Satic RAM (SRAM) interface consists of a high performance CMOS Static RAM
organized as 128K words by 16 bits (2 Mbit).
STATIC RAM INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
tRC
Read cycle time
10
ns
tAA
Address to data valid
10
ns
tOHA
Data hold from address change
3
ns
tWC
Write cycle time
10
ns
tSCE
CE low to write end
7
ns
tAW
Address setup to write end
7
ns
tHA
Address hold from write end
0
ns
tSA
Address setup to write start
0
tPWE
WE pulse width
7
tSD
Data setup to write end
5
tHD
Data hold from write end
0
30
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com