Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54521 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 13Page - Texas Instruments TPS54521 Datasheet HTML 14Page - Texas Instruments TPS54521 Datasheet HTML 15Page - Texas Instruments TPS54521 Datasheet HTML 16Page - Texas Instruments TPS54521 Datasheet HTML 17Page - Texas Instruments TPS54521 Datasheet HTML 18Page - Texas Instruments TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
D
´
V out2 +
V
V ssoffset
R1 =
V ref
Iss
´
D
-
Vref
R1
R2 =
Vout2 +
V
Vref
V = Vout1
Vout 2
D
-
>
´
-
´ D
R1
2800
Vout1 180
V
SS/TR
TPS54521
EN
PWRGD
SS/TR
TPS54521
EN
PWRGD
VOUT1
VOUT 2
R1
R2
R3
R4
Time = 2 msec / div
EN = 2 V / div
Vout1 = 1 V / div
Vout2 = 1 V / div
TPS54521
www.ti.com
SLVS981 – JUNE 2010
The deltaV variable is zero volts for simultaneous sequencing. To minimize the effect of the inherent SS/TR to
VSENSE offset (Vssoffset, 29mV) in the slow start circuit and the offset created by the pull-up current source
(Iss, 2.3mA) and tracking resistors, the Vssoffset and Iss are included as variables in the equations. Figure 29
shows the result when deltaV = 0V.
To ensure proper operation of the device, the calculated R1 value from Equation 6 must be greater than the
value calculated in Equation 9.
(6)
(7)
(8)
(9)
Figure 26. Ratiometric and Simultaneous Startup Sequence
Figure 27. Ratio-metric Startup with Vout1 Leading Vout2
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com