Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54521 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 17Page - Texas Instruments TPS54521 Datasheet HTML 18Page - Texas Instruments TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Vref
VOUT
R8
R4
C4
C6
R9
Coea
Roea
gmea
COMP
VSENSE
Type 2A
Type 2B
R4
C4
C11
ea
ps
2
c
VOUT
Co
R4 =
gm
Vref
gm
´ ¦
´
´
´
´
p
O
L
1
p =
C
R
2
æ
ö
¦
ç
÷
´
´
è
ø
p
L
R
Co
C4 =
R4
´
ESR
R
Co
C6 =
R4
´
TPS54521
www.ti.com
SLVS981 – JUNE 2010
gmea is the GM amplifier gain (1300mA/V)
gmps is the power stage gain (12A/V).
RL is the load resistance
CO is the output capacitance.
RESR is the equivalent series resistance of the output capacitor.
Small Signal Model for Frequency Compensation
The device uses a transconductance amplifier for the error amplifier and readily supports two of the commonly
used Type II compensation circuits and a Type III frequency compensation circuit, as shown in Figure 33. In
Type 2A, one additional high frequency pole, C6, is added to attenuate high frequency noise. In Type III, one
additional capacitor, C11, is added to provide a phase boost at the crossover frequency. See Designing Type III
Compensation for Current Mode Step-Down Converters (SLVA352) for a complete explanation of Type III
compensation.
The design guidelines below are provided for advanced users who prefer to compensate using the general
method. The below equations only apply to designs whose ESR zero is above the bandwidth of the control loop.
This is usually true with ceramic output capacitors. See the Application Information section for a step-by-step
design procedure using higher ESR output capacitors with lower ESR zero frequencies.
Figure 33. Types of Frequency Compensation
The general design guidelines for device loop compensation are as follows:
1. Determine the crossover frequency, fc. A good starting point is 1/10th of the switching frequency, fsw.
2. R4 can be determined by:
(14)
Where:
gmea is the GM amplifier gain (1300mA/V)
gmps is the power stage gain (12A/V)
Vref is the reference voltage (0.8V)
3. Place a compensation zero at the dominant pole:
C4 can be determined by:
(15)
4. C6 is optional. It can be used to cancel the zero from the ESR (Equivalent Series Resistance) of the output
capacitor Co.
(16)
5. Type III compensation can be implemented with the addition of one capacitor, C11. This allows for slightly
higher loop bandwidths and higher phase margins. If used, C11 is calculated from Equation 17.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com