Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3329 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3329
Description  3329 - 1/4 ??Round Trimming Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3329 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3329 Datasheet HTML 1Page - Bourns Electronic Solutions 3329 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3329 - 1/4 ” Round Trimming Potentiometer
Features
■
1/4” Round / Single-Turn / Cermet
Industrial / Sealed
■
5 standard terminal styles
■
Tape and reel packaging available
■
Listed on the QPL for style RJ50 per
MIL-PRF-22097 and RJR50 per
High-Rel MIL-PRF-39035
■
RoHS compliant* version available
Electrical Characteristics
Standard Resistance Range
...................................10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ............±10 % std.
(closer tolerance available)
Absolute Minimum Resistance
......................................1 % or 2 ohms
(whichever is greater)
Contact Resistance Variation
..........................3.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage ....................................±0.05 %
Resistance ..............................±0.15 %
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level .................................600 vac
80,000 Feet ..............................250 vac
Adjustment Angle ..................240 ° nom.
Environmental Characteristics
Power Rating @ 85 °C (300 volts max.)
.................................................0.5 watt
Power Rating @ 150 °C.................0 watt
Temperature Range ....-55 °C to +150 °C
Temperature Coefficient ....±100 ppm/°C
Seal Test........................85 °C Fluorinert†
Humidity........MIL-STD-202 Method 106
96 hours
(3 % ∆TR, 10 Megohms IR)
Vibration.........30 G (1 % ∆TR; 1 % ∆VR)
except “P” pin style
Shock...........100 G (1 % ∆TR; 1 % ∆VR)
Load Life
..............1,000 hours 0.5 watt @ 85 °C
(3 % ∆TR; 3 % CRV)
Rotational Life ........................200 cycles
(4 % ∆TR; 4 % CRV)
Physical Characteristics
Mechanical Angle ..................260 ° nom.
Torque .............................5.0 oz-in. max.
Stop Strength ..................5.0 oz -in. min.
Terminals ........................Solderable pins
Weight ........................................0.02 oz.
Marking .........Manufacturer’s trademark,
resistance code, date code,
manufacturer’s model number
and style
Wiper................50 % (Actual TR) ±10 %
Standard Packaging .....50 pcs. per tube
Adjustment Tool ..............................H-90
4.57
(.180)
45° REF.
90° ± 5°
31
2
.46 ± .05
(.018 ± .002)
6.35 ± .51
(.250 ± .020)
6.78 ± 2.24
(.267 ± .088)
3329H
13
2
3329P
5.82 ± .25
(.229 ± .010)
13
2
3329S
6.10
(.240)
.89
(.035)
6.60
(.260)
.38
(.015)
7.75 ± 2.97
(.305 ± .117)
8.38 ± .51
(.330 ± .020)
5.08
(.200)
31
2
3329W
13
2
3329X
3329P-DK9-RC
6.35 ± .51
(.250 ± .020)
5.79
(.228)
4.75
(.187)
.46 ± .05
(.018 ± .002)
.43 ± .13
(.017 ± .005)
2.54
(.100)
1
2
3
ADJ. SLOT
2.79 ± .038
(.110 ± ..001)
.64
(.025)
.51
(.020)
2.54
(.100)
2.54
(.100)
WIDE
X
X
DEEP
DIA.
MIN.
DIA. 3 PINS
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
6.10
(.240)
6.10
(.240)
5.08
(.200)
5.08
(.200)
6.60
(.260)
6.60
(.260)
.89
(.035)
.89
(.035)
2.54
(.100)
.38
(.015)
DIA. TYP.
6.78 ± 2.24
(.267 ± .088)
6.35 ± .51
(.250 ± .020)
7.75 ± 2.97
(.305 ± .117)
7.75 ± 2.97
(.305 ± .117)
8.38 ± .51
(.330 ± .020)
8.38 ± .51
(.330 ± .020)
.38
(.015)
.38
(.015)
ADJ. SLOT
3.56
(.140)
.64
(.025)
1.02
(.040)
WIDE
X
X
DEEP
LONG
How To Order
3329 M - 1 - 103 __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
-DK9 = Plastic Spacer
Resistance Code
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel (M and U Pin Styles
Only)
A = Ammo Pack (M and U Pin Styles Only)
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
1
3
2
CCW
CW
CLOCKWISE
WIPER
Product Dimensions


Similar Part No. - 3329

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329 BOURNS-3329 Datasheet
144Kb / 2P
1/4 Round Trimming Potentiometer
3329 BOURNS-3329 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
logo
List of Unclassifed Man...
3329 ETC-3329 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3329 HEYCO-3329 Datasheet
84Kb / 1P
Nylon Cable Clamps
More results

Similar Description - 3329

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
Round Trimming Potentiometer
3306-6 BOURNS-3306-6 Datasheet
88Kb / 1P
Round Trimming Potentiometer
3329 BOURNS-3329 Datasheet
144Kb / 2P
1/4 Round Trimming Potentiometer
logo
Suntan Capacitors
TSR-3329 SUNTAN-TSR-3329 Datasheet
552Kb / 1P
Circularity Trimming Potentiometer - 3329
TSR-3361 SUNTAN-TSR-3361 Datasheet
889Kb / 1P
Circularity Trimming Potentiometer - 3329
logo
Bourns Electronic Solut...
3345 BOURNS-3345 Datasheet
74Kb / 1P
1/2 ?앪?Round Trimming Potentiometer
3329 BOURNS-3329_10 Datasheet
176Kb / 2P
3329 - 1/4 ??Round Trimpot짰 Trimming Potentiometer
3329H-1-204LF BOURNS-3329H-1-204LF Datasheet
118Kb / 2P
3329 - 1/4 Round Trimming Potentiometer
3329S-1-502 BOURNS-3329S-1-502 Datasheet
176Kb / 2P
3329 - 1/4 Round Trimpot Trimming Potentiometer
logo
Suntan Capacitors
TSR-3329 SUNTAN-TSR-3329_17 Datasheet
237Kb / 1P
Circularity Trimming Potentiometer ??3329
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com