Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3329 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3329
Description  3329 - 1/4 ??Round Trimming Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3329 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3329 Datasheet HTML 1Page - Bourns Electronic Solutions 3329 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Standard Resistance Table
Popular distribution resistance values listed in
boldface. Special resistances available.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
REV. 09/07
SIDE ADJUST
3329M-1
12.70
(.500)
12.70 + 0.3/ - 0.25
(.500 + .012/ - .010)
8.38 ± .51
(.33 ± .02)
18 + 1.0/ - 0.5
(.709 + .039/ .020)
26.4 ± .76
(1.040 ± .030)
4.0 ± 0.3
(.157 ± .012)
1
2
3
6.1 ± .25
(.240 ± .010)
3.43 ± .25
(.135 ± .010)
.457 ± .051
(.018 ± .002)
REF.
DIA.
18.034 ± 0.762
(.71 ± .03)
DIA. TYP.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
18 ± .76
(.709 ± .030)
TOP ADJUST
3329U-1
4.0 ± 0.3
(.157 ± .012)
1
2
3
6.35 ± .5
(.250 ± .020)
2.79 ± .25
(.110 ± .010)
24.38 ± 0.76
(.960 ± .030)
6.35
(.250)
18 + 1.0/ - 0.5
(.709 + .039/ .020)
12.70 + 0.3/ - 0.25
(.500 + .012/ - .010)
12.70
(.500)
REF.
MAX.
DIA.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Packaging Specifications
Meets EIA Specification 468.
3329 - 1/4 ” Round Trimming Potentiometer



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com