Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU02D Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # EU02D
Description  Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:200 TO 600V CURRENT: 1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

EU02D Datasheet(HTML) 1 Page - Gulf Semiconductor

  EU02D Datasheet HTML 1Page - Gulf Semiconductor EU02D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A2
www.gulfsemi.com
EU02D THRU EU02J
Glass Passivated Junction
Ultra Fast Recovery Plastic Rectifiers
VOLTAGE:200 TO 600V
CURRENT: 1.0A
FEATURE
A-405
Low power loss
High surge capability
Glass passivated chip junction
Ultra-fast recovery time for high efficiency
High temperature soldering guaranteed
250℃/10sec/0.375″lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
EU02D
EU02G
EU02J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
400
600
V
Maximum RMS Voltage
Vrms
140
280
420
V
Maximum DC blocking Voltage
Vdc
200
400
600
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.4 (IF=1.0A)
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
50
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
100
nS
Typical Junction Capacitance
(Note 2)
Cj
17
15
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50
60
°C
/W
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - EU02D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU02 SANKEN-EU02 Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EU02 BILIN-EU02 Datasheet
53Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
EU02 LUGUANG-EU02 Datasheet
174Kb / 2P
High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
EU02 DSK-EU02 Datasheet
273Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Sanken electric
EU02A SANKEN-EU02A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
More results

Similar Description - EU02D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
EG1ME GULFSEMI-EG1ME Datasheet
130Kb / 2P
Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:1000V CURRENT: 1.0A
MUR260S GULFSEMI-MUR260S Datasheet
95Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:2.0A
MUR460-E GULFSEMI-MUR460-E Datasheet
135Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT: 4.0A
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
1N4942G LRC-1N4942G Datasheet
199Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
1N4944G LRC-1N4944G Datasheet
199Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
1N4946G LRC-1N4946G Datasheet
199Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
1N4948G LRC-1N4948G Datasheet
334Kb / 3P
Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com