Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5682Z Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 45Page - Texas Instruments DAC5682Z Datasheet HTML 46Page - Texas Instruments DAC5682Z Datasheet HTML 47Page - Texas Instruments DAC5682Z Datasheet HTML 48Page - Texas Instruments DAC5682Z Datasheet HTML 49Page - Texas Instruments DAC5682Z Datasheet HTML 50Page - Texas Instruments DAC5682Z Datasheet HTML 51Page - Texas Instruments DAC5682Z Datasheet HTML 52Page - Texas Instruments DAC5682Z Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
DUAL CHANNEL REAL IF OUTPUT RADIO
DAC-A
DAC-B
100
100
100
100
opt.
PLL
Loop
Filter
DLL
DAC5682ZDAC
FPGA
PLL
÷1
÷4
ClockDivider /
Distribution
CDCM7005
100
250 MHz
1000 MHz
PLL/
DLL
VCO
N-
Divider
R-
Div
PFD
CPOUT
VCTRL_IN
TRF3761-XPLL/VCO
Loop
Filter
Div
1/2/4
DCLKP/N
SYNCP/N
D0P/N
D15P/N
375 MHzMinto 2380 MHzMax
(Dependsondividerand
“dash #” ofTRF3761)
10 MHz
OSC
Note : Forclarity, onlysignalpathsareshown.
Loop
Filter
VCXO
I
Q
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
RF
Processing
RF
Processing
Interleaved
A/BData
DIRECT CONVERSION RADIO
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
APPLICATIONS EXAMPLES (continued)
Refer to Figure 50 for an example Dual Channel Real IF Output Radio. The DAC5682Z receives an interleaved
A/B input data stream and increases the sample rate through interpolation by a factor of 2 or 4. By performing
digital interpolation on the input data, undesired images of the original signal can be push out of the band of
interest and more easily suppressed with analog filters. Real mixing is available at each stage of interpolation
using the CMIX0 and CMIX1 blocks to up-convert the signal. (See Dual-Channel Real Upconversion section)
Both DAC output signals would typically be terminated with a transformer (see the Analog Current Output
section). An IF filter, either LC or SAW, is used to suppress the DAC Nyquist zone images and other spurious
signals before being mixed to RF with a mixer. The TRF3671 Frequency Synthesizer, with integrated VCO, may
be used to drive a common LO input of the mixers for frequencies between 375 and 2380 MHz. Alternatively, two
separate TRF3761 synthesizers could be used for independent final RF frequency placement.
Figure 50. System Diagram of a Dual Channel Real IF Output Radio
Refer to Figure 51 for an example Direct Conversion Radio. The DAC5682Z receives an interleaved complex I/Q
baseband input data stream and increases the sample rate through interpolation by a factor of 2 or 4. By
performing digital interpolation on the input data, undesired images of the original signal can be push out of the
band of interest and more easily suppressed with analog filters.
For a Zero IF (ZIF) frequency plan, complex mixing of the baseband signal is not required. Alternatively, for a
Complex IF frequency plan the input data can be placed at an pre-placed at an IF within the bandwidth
limitations of the interpolation filters. In addition, complex mixing is available at each stage of interpolation using
the CMIX0 and CMIX1 blocks to up-convert the signal to a frequency placement at a multiples ±Fdac/8 or
±Fdac/4. The output of both DAC channels is used to produce a Hilbert transform pair and can be expressed as:
A(t) = I(t)cos(
ω
ct) – Q(t)sin(ωct) m(t)
(3)
A(t) = I(t)cos(
ω
ct) – Q(t)sin(ωct) mh(t)
(4)
where m(t) and mh(t) connote a Hilbert transform pair and
ωc is the sum of the CMIX0 and CMIX1 frequencies.
The complex output is input to an analog quadrature modulator (AQM) such as the Texas Instruments
TRF3703-33 for a single side-band (SSB) up conversion to RF. A passive (resistor only) interface to the AQM is
recommended, with an optional LC filter network. The TRF3671 Frequency Synthesizer with integrated VCO may
be used to drive the LO input of the TRF3703-33 for frequencies between 375 and 2380 MHz. Upper
single-sideband upconversion is achieved at the output of the analog quadrature modulator, whose output is
expressed as:
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com