Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5682Z Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 2 Page - Texas Instruments

  DAC5682Z Datasheet HTML 1Page - Texas Instruments DAC5682Z Datasheet HTML 2Page - Texas Instruments DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
CLKIN
CLKINC
DCLKP
1.2V
Reference
EXTIO
EXTLO
BIASJ
IOUTB1
IOUTB2
16bit
DAC
Clock Multiplying
PLL 2x-32x
D0P
D0N
D15P
D15N
DCLKN
SYNCP
SYNCN
IOUTA1
IOUTA2
16bit
DAC
Delay Lock
Loop (DLL)
FIFO Sync Disable
Sync & Control
x2
x2
x2
16
DLL Control
x2
FIR0
Mode Control
DACA_gain
DACB_gain
4
4
SYNC=’0->1'
(transition)
16
PLL Control
Clock
Distribution
FDAC
FDAC/2
PLL Bypass
2
PLL Enable
16
B
A
13
A-Offset
13
FIR1
(x2 Bypass)
(x1 Bypass)
TXEnable=’1'
FDAC/4
SW_Sync
2
2
47t 76dB HBF
47t 76dB HBF
47t 76dB HBF
47t 76dB HBF
16
Sync Disable
DAC5682Z
SLLS853C – AUGUST 2007 – REVISED JUNE 2009 ........................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com