Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05SS12 Datasheet(PDF) 1 Page - Recom International Power

Part # R05SS12
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05SS12 Datasheet(HTML) 1 Page - Recom International Power

  R05SS12 Datasheet HTML 1Page - Recom International Power R05SS12 Datasheet HTML 2Page - Recom International Power R05SS12 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EU 8
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxSSxx Series, 1 Watt, SMD, 1kVDC Isolation (Single Output)
● Wide Temperature Performance at
full 1 Watt Load, –40°C to +85°C
● 1kVDC Isolation
● Efficiency to 78%
● UL 94V-O Package Material
● Toroidal Magnetics
● Internal SMD Construction
● MTTF up to 2.9 Million Hours
Features
Selection Guide 5V and 12V input types
Part Number
Nom. Input
Rated Output
Rated Output
Input Current
Efficiency
Isolation
Package
Voltage
Voltage
Voltage
Current
at Rated Load
Capacitance
Style
(VDC)
(VDC)
(mA)
(mA)
(%)
(pF)
R05SS05
5
5
200
294
68
35
R05SS09
5
9
111
267
75
43
R05SS12
5
12
83
260
77
42
R05SS15
5
15
66
256
78
44
SMD
R12SS05
12
5
200
124
67
47
14 Pin
R12SS09
12
9
111
114
73
77
R12SS12
12
12
83
113
74
88
R12SS15
12
15
66
111
75
95
Absolute Maximum Ratings
Input Voltage V
IN 5V types
7V
Input Voltage V
IN 12V types
15V
Short Circuit Duration 1)
1s
Internal Power Dissipation (at rated current and +85°C)
600mW
Lead Temperature (1.5 mm from case for 10 seconds)
300 °C
1). Supply voltage must be discontinued at the end of the short circuit duration.
Input Voltage Range VIN (continuous operation)
5V input types
4.5VDC min. / 5.5VDC max.
12V input types
10.8VDC min. / 13.2VDC max.
Reflected Ripple Current (depending on the type)
30 mA p-p min. to 47 mA p-p max.
Voltage Set Point Accuracy
See Tolerance Envelope
Line Regulation
1.0% min. / 1.2% max. of V
IN
Load Voltage Regulation (10% load to 100% full load)
5V output types
12.8% min. / 15% max.
9V output types
8.3% min. / 9% max.
12V output types
6.8% min. / 7.5% max.
15V output types
6.3% min. / 7% max.
Ripple & Noise (20MHz band limited), (depending on the type)
38mVp-p min. / 85mVp-p max.
Isolation Voltage (flash tested for 1 second)
1000VDC min.
Test Voltage (50Hz, 10 seconds)
1000 Vpk min.
Resistance (Viso = 1000V)
10 GΩ typ.
Switching Frequency at Full Load (depending on the type)
VIN 5V types
110kHz typ.
VIN 12V types
110kHz typ.
Continued next page.
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)


Similar Part No. - R05SS12

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
R05S ZSELEC-R05S Datasheet
138Kb / 2P
0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Recom International Pow...
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SD09 RECOM-R05SD09 Datasheet
87Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SD12 RECOM-R05SD12 Datasheet
87Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SD15 RECOM-R05SD15 Datasheet
87Kb / 2P
EUROLINE - DC/DC - CONVERTER
More results

Similar Description - R05SS12

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05105 RECOM-R05105 Datasheet
86Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
EUROLINE- DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
EUROLINE - DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
EUROLINE DC/DC-Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com