Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05SS12 Datasheet(PDF) 3 Page - Recom International Power

Part # R05SS12
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05SS12 Datasheet(HTML) 3 Page - Recom International Power

  R05SS12 Datasheet HTML 1Page - Recom International Power R05SS12 Datasheet HTML 2Page - Recom International Power R05SS12 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EU 10
www.recom-international.com
11.30
8.15
0.55
2.54
7.62
12.75
1.65
0.20
5.35
12.10
12.75
1.00
0.50
±5°
Reference
Plane
Detail A
1.55
Detail A
0.25 ±0.05
7.90
8.15
7.40
RxxSSxx
RECOM
****
7.62
1 2
4
85
Nc
+V
GND VCC
0V
Top View
1.20
10.30
1.80
7.62
10 Pin SMD Package Style
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
EUROLINE - DC/DC-Converter
RxxSSxx Series, 1 Watt, SMD, 1kVDC Isolation (Single Output)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com