Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC15 Datasheet(PDF) 1 Page - Recom International Power

Part # REC15
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15 Datasheet(HTML) 1 Page - Recom International Power

  REC15 Datasheet HTML 1Page - Recom International Power REC15 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
114
www.recom-international.com
April-2005
Input Voltage Range
2:1 & 4:1
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
±0.2% max.
Load Voltage Regulation (10% to 100% full load )
±0.2% max.
Output Ripple and Noise (at 20MHz BW)
100mVp-p max.
Operating Frequency
200kHz typ.
Efficiency at Full Load
75% max.
Isolation Voltage
(tested for 1 second)
1.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
550pF max
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-25°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +100°C
Relative Humidity
MSL Level 1
95% RH
Case Material
Metal Case
Package Weight
60 g
MTBF (+25°C)
using MIL-HDBK 217F
700 x 103 hours
(+70°C)
using MIL-HDBK 217F
560 x 103 hours
120
100
20
60
100
75
0
-25
Operating Temperature (°C)
0
80
50
25
70
Safe Operating Area
40
90
Derating-Graph
(Ambient Temperature)
15 Watt
2” x 2”
Single &
&
Dual Output
ECONOLINE
DC/DC-Converter
REC15-
S_DRWB(Z)
Series
● 15W 2”x 2” Package (50.8x50.8x11.0mm)
● 1kVDC Isolation
● Wide Input 2:1 & 4:1
● Regulated Output
● UL94V-0 Package Material
● Continuous Short Circuit Protection
● Remote ON/OFF-Control for Single Types
● Efficiency to 81%
Features
Regulated
Converters
Specifications (Core Operating Area)
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
2” x 2”
(VDC)
(VDC)
(mA)
(%)
REC15-xx05SRWB
9-18, 18-36, 36-72
5
3.000
77
REC15-xx12SRWB
9-18, 18-36, 36-72
12
1.250
80
REC15-xx15SRWB
9-18, 18-36, 36-72
15
1.000
80
REC15-xx24SRWB
9-18, 18-36, 36-72
24
625
81
REC15-xx05DRWB
9-18, 18-36, 36-72
±5
±1.500
77
REC15-xx12DRWB
9-18, 18-36, 36-72
±12
±625
80
REC15-xx15DRWB
9-18, 18-36, 36-72
±15
±500
80
REC15-xx05SRWBZ
9-36, 18-72
5
3.000
77
REC15-xx12SRWBZ
9-36, 18-72
12
1.250
80
REC15-xx15SRWBZ
9-36, 18-72
15
1.000
80
REC15-xx24SRWBZ
9-36, 18-72
24
625
77
REC15-xx05DRWBZ
9-36, 18-72
±5
±1.500
80
REC15-xx12DRWBZ
9-36, 18-72
±12
±625
80
REC15-xx15DRWBZ
9-36, 18-72
±15
±500
79
2
2::1
1
4
4::1
1
xx = 9-18Vin = 12
xx = 9-36Vin = 24
xx = 18-36Vin = 24
xx = 18-72Vin = 48
xx = 36-72Vin = 48
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - REC15

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-1205D/H2/M RECOM-REC15-1205D/H2/M Datasheet
116Kb / 2P
15 Watt Single & Dual Output
REC15-1205DRWZ RECOM-REC15-1205DRWZ Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC15-1205DRWZH RECOM-REC15-1205DRWZH Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC15-1205SRW RECOM-REC15-1205SRW Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC15-1205SRWH RECOM-REC15-1205SRWH Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
More results

Similar Description - REC15

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAA RECOM-RAA Datasheet
93Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
ECONOLINE - DC/DC-Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com