Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC15 Datasheet(PDF) 2 Page - Recom International Power

Part # REC15
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15 Datasheet(HTML) 2 Page - Recom International Power

  REC15 Datasheet HTML 1Page - Recom International Power REC15 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
115
April-2005
1
2
3
4
5
1.2ø+0.2/–0.1
2.54
2.54
8.30
11.00
2
1
3
5
4
Bottom View
20.32
15.20
5.12
50.80
22.82
Side View
50.80
Top View
10.20 10.20
3rd angle
projection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm) 2” x 2” , Wide Input 2:1 & 4:1
REC15-S_DRWB(Z)
Series
ECONOLINE
DC/DC-Converter
2“ x 2“ PIN Package
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3
+Vout
+Vout
4
No Pin
Com
5
–Vout
–Vout
Typical Characteristics
100
0
40%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R
RE
EC
C1
15
5 -- ttyyp
pe
ess



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com