Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC5 Datasheet(PDF) 1 Page - Recom International Power

Part # REC5
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5 Datasheet(HTML) 1 Page - Recom International Power

  REC5 Datasheet HTML 1Page - Recom International Power REC5 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 79
August 2002
Selection Guide
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
10.0
2.5
5.0
100
50
0
-25
70
125
Operating Temperature ˚C
0
25
75
90
7.5
Safe Operating Area
ECONOLINE - DC/DC-Converter
REC5-S/DRW Ser., 5W, DIP24, Regul., Wide Input 2:1 & 4:1 (Single & Dual Output)
Voltage Setting Accuracy
±2% max.
Temperature Coefficient
±0.03%/°C
Ripple and Noise (20MHz BW)
100mVp-p max.
Line Regulation (HL-LL)
±0.2% max.
Load Regulation (for output load current change from 10% to 100%)
±0.2% max.
Short Circuit Protection
Continuous
Operating Temperature
-25°C to +70°C (see Graph)
Storage Temperature
-55°C to +100°C
Cooling
Free-Air Convection
Input Filter
Pi Network
Efficiency
70% min.
Isolation Voltage
1.000VDC min.
Isolation Resistance
109 ohms min.
Switching Frequency at Full Load
25kHz min.
Isolation Capacitance
80pF max.
Weight
14.6g
Case Material
Non-Conductive Plastic
● 5W DIP Package
● 9-18V, 18-36V, 36-72V
Wide Input Range
● Short Circuit Protection
● Regulated Output
● UL94V-0 Package Material
● Efficiency to 81%
Features
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP24
(VDC)
(VDC)
(mA)
(%)
REC5-XX05SRW*
9-18, 18-36, 36-72
5
1000
75
REC5-XX09SRW*
9-18, 18-36, 36-72
9
556
80
REC5-XX12SRW*
9-18, 18-36, 36-72
12
470
80
REC5-XX15SRW*
9-18, 18-36, 36-72
15
400
81
REC5-XX05DRW*
9-18, 18-36, 36-72
±5
±500
75
REC5-XX12DRW*
9-18, 18-36, 36-72
±12
±230
80
REC5-XX15DRW*
9-18, 18-36, 36-72
±15
±190
81
REC5-XX05SRWZ*
9-36, 18-72
5
1000
74
REC5-XX09SRWZ*
9-36, 18-72
9
556
76
REC5-XX12SRWZ*
9-36, 18-72
12
470
78
REC5-XX15SRWZ*
9-36, 18-72
15
400
80
REC5-XX05DRWZ*
9-36, 18-72
±5
±500
81
REC5-XX12DRWZ*
9-36, 18-72
±12
±230
81
REC5-XX15DRWZ*
9-36, 18-72
±15
±190
81
XX = 9-18Vin = 12
XX = 9-36Vin = 24
*add „/A“ or „/ B“ for Pinning,
XX = 18-36Vin = 24
XX = 18-72Vin = 48
see next page.
XX = 36-72Vin = 48


Similar Part No. - REC5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-033SRWL RECOM-REC5-033SRWL Datasheet
79Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC5-0505DRW RECOM-REC5-0505DRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-0505DRW RECOM-REC5-0505DRW Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
REC5-0505DRWH1 RECOM-REC5-0505DRWH1 Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-0505DRWH1AM RECOM-REC5-0505DRWH1AM Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAA RECOM-RAA Datasheet
93Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
ECONOLINE - DC/DC-Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com