Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC5 Datasheet(PDF) 2 Page - Recom International Power

Part # REC5
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5 Datasheet(HTML) 2 Page - Recom International Power

  REC5 Datasheet HTML 1Page - Recom International Power REC5 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 80
www.recom-international.com
August 2002
ECONOLINE - DC/DC-Converter
REC5-S/DRW Ser., 5W, DIP24, Regul., Wide Input 2:1 & 4:1 (Single & Dual Output)
31.80
12.20
3.81
2.54
4.60
23
22
2
3
16
14
9
11
20.30
15.24
Bottom View
24
23
22
1
2
3
15
14
13
10
11
12
Bottom View
20.30
15.24
2.54
1.00 ø+0.15/–0
2.54
2.54
1.00 ø+0.15/–0
2.54
31.80
12.20
2.54
3.81
2.06
Package Style and Pinning B
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
Package Style and Pinning A
3rd angle
projection
Recommended Footprint Details
Recommended Footprint Details
Pin Connections
Pin #
Single
Dual
2
–Vin
–Vin
3
–Vin
–Vin
9NC
Common
11
NC
–Vout
14
+Vout
+Vout
16
–Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2NC
–Vout
3NC
Common
10
–Vout
Common
11
+Vout
+Vout
12
–Vin
–Vin
13
–Vin
–Vin
14
+Vout
+Vout
15
–Vout
Common
22
NC
Common
23
NC
–Vout
24
+Vin
+Vin



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com