Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R48C09 Datasheet(PDF) 1 Page - Recom International Power

Part # R48C09
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R48C09 Datasheet(HTML) 1 Page - Recom International Power

  R48C09 Datasheet HTML 1Page - Recom International Power R48C09 Datasheet HTML 2Page - Recom International Power R48C09 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
EU 33
EUROLINE - DC/DC-Converter
RxxC and RxxD Series, 2 Watt, DIP14/SIP7, Isolated (Dual Output)
● Wide Temperature performance
at full 2 Watt load, –40°C to +85°C
● Industry Standard Pinout
● 1kVDC Isolation
● Efficiency to 86%
● UL 94V-0 Package Material
● Internal SMD Construction
● MTTF up to 2.0 Million Hours
Features
Selection Guide 5V, 12V, 24V and 48V Input Types
Part Number
Nom. Input
Rated Output
Rated Output
Input Current
Efficiency
Isolation
Package
Voltage
Voltage
Voltage
Current
at Rated Load
Capacitance
Style
(VDC)
(VDC)
(mA)
(mA)
(%)
(pF)
R05C05
5
±5
±200
500
80
24
R05C09
5
±9
±111
494
81
28
DIP14
R05C12
5
±12
±83
488
82
30
R05C15
5
±15
±67
476
84
33
R05D05
5
±5
±200
500
80
24
R05D09
5
±9
±111
494
81
28
SIP7
R05D12
5
±12
±83
488
82
30
R05D15
5
±15
±67
476
84
33
R12C05
12
±5
±200
208
80
35
R12C09
12
±9
±111
201
83
55
DIP14
R12C12
12
±12
±83
198
84
63
R12C15
12
±15
±67
198
84
66
R12D05
12
±5
±200
208
80
35
R12D09
12
±9
±111
201
83
55
SIP7
R12D12
12
±12
±83
198
84
63
R12D15
12
±15
±67
198
84
66
R24C05
24
±5
±200
103
81
41
R24C09
24
±9
±111
98
85
75
DIP14
R24C12
24
±12
±83
97
86
95
R24C15
24
±15
±67
97
86
104
R24D05
24
±5
±200
103
81
41
R24D09
24
±9
±111
98
85
75
SIP7
R24D12
24
±12
±83
97
86
95
R24D15
24
±15
±67
97
86
104
R48C05
48
±5
±200
51
82
45
R48C09
48
±9
±111
51
82
74
DIP14
R48C12
48
±12
±83
49
85
90
R48C15
48
±15
±67
49
85
112
R48D05
48
±5
±200
51
82
45
R48D09
48
±9
±111
51
82
74
SIP7
R48D12
48
±12
±83
49
85
90
R48D15
48
±15
±67
49
85
112


Similar Part No. - R48C09

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R480 AGERE-R480 Datasheet
76Kb / 8P
R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
September 2001
R480CMAA AGERE-R480CMAA Datasheet
76Kb / 8P
R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
September 2001
R480CPAA AGERE-R480CPAA Datasheet
76Kb / 8P
R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
September 2001
R480CPBB AGERE-R480CPBB Datasheet
76Kb / 8P
R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
September 2001
R480FMAA AGERE-R480FMAA Datasheet
76Kb / 8P
R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
September 2001
More results

Similar Description - R48C09

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05105 RECOM-R05105 Datasheet
86Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
EUROLINE- DC/DC - CONVERTER
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
EUROLINE - DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
EUROLINE DC/DC-Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com