Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG4J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RG4J
Description  SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RG4J Datasheet(HTML) 1 Page - Gulf Semiconductor

  RG4J Datasheet HTML 1Page - Gulf Semiconductor RG4J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
RG4J
SINTERED GLASS JUNCTION
FAST AVALANCHE RECTIFIER
VOLTAGE:
:
:
:600V
CURRENT: 3.0A
FEATURE
G-4
Glass passivated
Hermetically sealed package
Low reverse current
Soft recovery characteristics
MECHANICAL DATA
Case: G-4 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
RG4J
units
Maximum Recurrent Peak Reverse Voltage
VRRM
600
V
Maximum RMS Voltage
VRMS
420
V
Maximum DC blocking Voltage
VDC
600
V
Maximum Average Forward Rectified Current 3/8”lead
length at Ta=55℃
IFAV
3.0
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
IFSM
100
A
Maximum Forward Voltage at rated Forward Current
and 25℃
VF
1.3
V
Maximum DC Reverse Current at
VDC =600V and 25℃
IR
5.0
µA
Maximum DC Reverse Current at
VDC =650V and 25℃
IR
5.0
µA
Maximum DC Reverse Current at
VDC =700V and 25℃
IR
25.0
µA
Maximum DC Reverse Current at
VDC =600V and 100℃
IR
100
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
250
nS
Typical Junction Capacitance
(Note 2)
Cj
50.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
20.0
℃ /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - RG4J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RG4J GE-RG4J Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RG4J VISHAY-RG4J Datasheet
95Kb / 5P
Fast Sinterglass Diode
28-Jan-03
More results

Similar Description - RG4J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYM36C GULFSEMI-BYM36C Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE4G GULFSEMI-FE4G Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE4J GULFSEMI-FE4J Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com