Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGSP12W Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RGSP12W
Description  Fast Plastic Power Rectifiers VOLTAGE: 1500V CURRENT:12.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RGSP12W Datasheet(HTML) 1 Page - Gulf Semiconductor

  RGSP12W Datasheet HTML 1Page - Gulf Semiconductor RGSP12W Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
RGSP12W
Fast Plastic Power Rectifiers
VOLTAGE: 1500V
CURRENT:12.0A
FEATURE
ITO-220AC
• Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
• Ideally suited for use in very high frequency switching power supplies,
inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
• High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body over passivated chip
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
RGSP12W
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1500
V
Maximum RMS Voltage
Vrms
1050
V
Maximum DC Blocking Voltage
Vdc
1500
V
Maximum Average Forward Rectified Current
at Tc =100℃
If(av)
12.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
110
A
Maximum
Forward
Voltage
at
Forward
Current is 6.5A and 25℃
Vf
1.3
V
Maximum Reverse Recovery Time
(Note 1)
Trr
200
nS
Typical thermal resistance junction to case
Rth(jc)
3.0
℃/W
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
250
1.0
µA
mA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
℃
Note:
1.
Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
RATINGS AND CHARACTERISTIC CURVES RGSP12W


Similar Part No. - RGSP12W

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RGS OHMITE-RGS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Magnelab.
RGS-0750-005 MAGNELAB-RGS-0750-005 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
RGS-0750-010 MAGNELAB-RGS-0750-010 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
RGS-0750-020 MAGNELAB-RGS-0750-020 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
RGS-0750-030 MAGNELAB-RGS-0750-030 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
More results

Similar Description - RGSP12W

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FERA16G GULFSEMI-FERA16G Datasheet
93Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 16.0A
FESA08G GULFSEMI-FESA08G Datasheet
91Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 8.0A
FESP10J GULFSEMI-FESP10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
UERA12D GULFSEMI-UERA12D Datasheet
77Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A
UESP12J GULFSEMI-UESP12J Datasheet
115Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
UGRP12D GULFSEMI-UGRP12D Datasheet
88Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A
UGSA12J GULFSEMI-UGSA12J Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com