Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments ISO7421 Datasheet HTML 15Page - Texas Instruments ISO7421 Datasheet HTML 16Page - Texas Instruments ISO7421 Datasheet HTML 17Page - Texas Instruments ISO7421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
SLLS984D – JUNE 2009 – REVISED JULY 2010
www.ti.com
REVISION HISTORY
Changes from Original (June 2009) to Revision A
Page
•
Added devices ISO7420 and ISO7420M to the data sheet .................................................................................................. 1
•
Added the ICC EQUATIONS section ................................................................................................................................... 11
Changes from Revision A (December 2009) to Revision B
Page
•
Switching Characteristics Table, Added Note (2) - Typical specifications are measured at ideal conditions of 25°C.
Max or Min specifications are measured at worst case conditions for VCC and temperature. .............................................. 4
Changes from Revision B (February 2010) to Revision C
Page
•
Added devices ISO7420F and ISO7420FM to the data sheet ............................................................................................. 1
•
Added The suffix M indicates wide temperature range (–55°C to 125°C) and the suffix F indicates output-low option
in fail-safe condition. All other devices without the F suffix default to output-high in fail-safe state. .................................... 1
•
Changed the Function Table Output values for PU (Open) From: H To: H/L ...................................................................... 2
•
Changed the Function Table Output values for PU (X) From: H To: H/L ............................................................................. 2
•
Changed the Function Table Output values for PU (X) From: H/L To: H ............................................................................. 2
•
Added Note (2) in the Function Table ................................................................................................................................... 2
•
Added ISO7420F and ISO7420FM tothe Available Options Table ...................................................................................... 2
•
Changed value from a max of 4 mA to a min of -4 mA ........................................................................................................ 3
•
Changed value from a min of -4 mA to a max of 4 mA ........................................................................................................ 3
•
Changed Electrical Characteristics Conditions ..................................................................................................................... 4
•
Deleted Ci from the ELECTRICAL CHARACTERISTICS ..................................................................................................... 4
•
Added (All inputs switching with square wave clock signal for dynamic ICC measurement) ............................................... 4
•
Changed SWITCHING CHARACTERISTICS conditions ..................................................................................................... 4
•
Changed PWD parameter from duration to width ................................................................................................................. 4
•
Changed ELECTRICAL CHARACTERISTICS conditions .................................................................................................... 5
•
Added High-level output voltage ISO7420 / 7421 (3.3-V side) test condition ...................................................................... 5
•
Changed High-level output voltage min value ...................................................................................................................... 5
•
Deleted CI specification ........................................................................................................................................................ 5
•
Added (All inputs switching with square wave clock signal for dynamic ICC measurement) ............................................... 5
•
Changed SWITCHING CHARACTERISTICS conditions ..................................................................................................... 5
•
Changed Pulse duration distortion to Pulse width distortion ................................................................................................ 5
•
Changed ELECTRICAL CHARACTERISTICS conditions .................................................................................................... 6
•
Added High-level output voltage ISO7420 / 7421 (5-V side) test condition ......................................................................... 6
•
Changed High-level output voltage min value ...................................................................................................................... 6
•
Deleted CI specification ........................................................................................................................................................ 6
•
Added (All inputs switching with square wave clock signal for dynamic ICC measurement) ............................................... 6
•
Changed SWITCHING CHARACTERISTICS conditions ..................................................................................................... 6
•
Changed Pulse duration distortion to Pulse width distortion ................................................................................................ 6
•
Changed ELECTRICAL CHARACTERISTICS conditions .................................................................................................... 7
•
Deleted CI specification ........................................................................................................................................................ 7
•
Added (All inputs switching with square wave clock signal for dynamic ICC measurement) ............................................... 7
•
Changed SWITCHING CHARACTERISTICS conditions ..................................................................................................... 7
•
Changed Pulse duration distortion to Pulse width distortion ................................................................................................ 7
•
Changed Note 1 Figure 1 ..................................................................................................................................................... 8
14
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7420 ISO7420M ISO7421 ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com