Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
SLLS984D – JUNE 2009 – REVISED JULY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
INA
7
I
Input, channel A
INB
3
I
Input, channel B
GND1
4
–
Ground connection for VCC1
GND2
5
–
Ground connection for VCC2
OUTA
2
O
Output, channel A
OUTB
6
O
Output, channel B
VCC1
1
–
Power supply, VCC1
VCC2
8
–
Power supply, VCC2
Table 1. FUNCTION TABLE(1)
INPUT SIDE
OUTPUT SIDE
INPUT
OUTPUT
VCC
VCC
IN
OUT
H
H
PU
PU
L
L
Open
H(2)
PD
PU
X
H(2)
(1)
PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.4 V);
X = Irrelevant; H = High level; L = Low level
(2)
In fail-safe condition, output is at high level for ISO7420, ISO7420M,
ISO7421 and ISO7421M.
AVAILABLE OPTIONS
RATED
INPUT
CHANNEL
MARKED
ORDERING
PRODUCT
PACKAGE
RATED TA
ISOLATION
THRESHOLD
DIRECTION
AS
NUMBER
ISO7420D (rail)
ISO7420
–40°C to 105°C
IS7420
ISO7420DR (reel)
Same direction
ISO7420MD (rail)
ISO7420M
–40°C to 125°C
I7420M
ISO7420MDR
(reel)
~1.5 V (TTL)
2.5 kVrms
D-8
(CMOS compatible)
ISO7421D (rail)
ISO7421
–40°C to 105°C
IS7421
ISO7421DR (reel)
Opposite
ISO7421MD (rail)
directions
ISO7421M
–40°C to 125°C
I7421M
ISO7421MDR
(PREVIEW)
(reel)
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7420 ISO7420M ISO7421 ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com