Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 15 Page - Altera Corporation

Part # EP1M350
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 15 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 11Page - Altera Corporation EP1M350 Datasheet HTML 12Page - Altera Corporation EP1M350 Datasheet HTML 13Page - Altera Corporation EP1M350 Datasheet HTML 14Page - Altera Corporation EP1M350 Datasheet HTML 15Page - Altera Corporation EP1M350 Datasheet HTML 16Page - Altera Corporation EP1M350 Datasheet HTML 17Page - Altera Corporation EP1M350 Datasheet HTML 18Page - Altera Corporation EP1M350 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–15
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Figure 1–4 shows an FPP configuration schematic with the external flash interface in
use.
Intel-Flash-Based EPC Device Protection
In the absence of the lock bit protection feature in the EPC4, EPC8, and EPC16 devices
with Intel flash, Altera recommends four methods to protect the Intel Flash content in
EPC4, EPC8, and EPC16 devices. Any method alone is sufficient to protect the flash.
The methods are listed here in the order of descending protection level:
1. Using an RP# of less than 0.3 V on power-up and power-down for a minimum of
100 ns to a maximum 25 ms disables all control pins, making it impossible for a
write to occur.
Figure 1–4. FPP Configuration with External Flash Interface (Note 1)
Notes to Figure 1–4:
(1) For external flash interface support in EPC8 enhanced configuration device, contact Altera Applications.
(2) Pin A20 in EPC16 devices, pins A20 and A19 in EPC8 devices, and pins A20, A19, and A18 in EPC4 devices should be left floating. These pins
should not be connected to any signal; they are no-connect pins.
(3) In the 100-pin PQFP package, you must externally connect the following pins: C-A0 to F-A0, C-A1 to F-A1, C-A15 to F-A15, C-A16 to
F-A16
, and BYTE# to VCC. Additionally, you must make the following pin connections in both 100-pin PQFP and 88-pin UFBGA packages:
C-RP#
to F-RP#, C-WE# to F-WE#, TM1 to VCC, TM0 to GND, and WP# to VCC.
(4) For PORSEL, PGM[], and EXCLK pin connections, refer to Table 1–10.
(5) RY/BY# pin is only available for Sharp flash-based EPC8 and EPC16.
(6) To protect Intel Flash based EPC devices content, isolate the VCCW supply from VCC. For more information, refer section “Intel-Flash-Based EPC
Device Protection” on page 1–15.
MSEL
DCLK
DATA[7..0]
nSTATUS
CONF_DONE
nCONFIG
VCC
VCC
GND
nCE
Stratix Series
or
APEX II Device
WE#
RP#
A[20..0]
RY/BY#
CE#
OE#
DQ[15..0]
PLD or Processor
Enhanced Configuration
Device
DCLK
DATA[7..0]
OE
nCS
nINIT_CONF
WE#C
RP#C
WE#F
RP#F
A[20..0] (2)
RY/BY# (5)
CE#
OE#
DQ[15..0]
GND
EXCLK
WP#
PORSEL
PGM[2..0]
TMO
VCC
VCCW
BYTE# (3)
TM1
C-A0 (3)
C-A1 (3)
C-A15 (3)
C-A16 (3)
A0-F
A1-F
A15-F
A16-F
n
nCEO
N.C.
(4)
(4)
(4)
(4)
(4)
VCC(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com