Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 26 Page - Altera Corporation

Part # EP1M350
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 26 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 22Page - Altera Corporation EP1M350 Datasheet HTML 23Page - Altera Corporation EP1M350 Datasheet HTML 24Page - Altera Corporation EP1M350 Datasheet HTML 25Page - Altera Corporation EP1M350 Datasheet HTML 26Page - Altera Corporation EP1M350 Datasheet HTML 27Page - Altera Corporation EP1M350 Datasheet HTML 28Page - Altera Corporation EP1M350 Datasheet HTML 29Page - Altera Corporation EP1M350 Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
1–26
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Programming and Configuration File Support
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Alternatively, a power-monitoring circuit or a power-good signal can be used to keep
the FPGA’s nCONFIG pin asserted low until both supplies have stabilized. This
ensures the correct power up sequence for successful configuration.
Programming and Configuration File Support
The Quartus II software provides programming support for the enhanced
configuration device and automatically generates the .pof for the EPC4, EPC8, and
EPC16 devices. In a multi-device project, the software can combine the .sof for
multiple ACEX 1K, APEX 20K, APEX II, Cyclone series, FLEX 10K, Mercury, and
Stratix series FPGAs into one programming file for the enhanced configuration
device.
f For details about generating programming files, refer to the Altera Enhanced
Configuration Devices chapter and the Software Settings section in volume 2 of the
Configuration Handbook.
Enhanced configuration devices can be programmed in-system through the
industry-standard 4-pin JTAG interface. The ISP feature in the enhanced
configuration device provides ease in prototyping and updating FPGA functionality.
After programming an enhanced configuration device in-system, FPGA configuration
can be initiated by including the enhanced configuration device’s JTAG INIT_CONF
instruction (Table 1–11).
The ISP circuitry in the enhanced configuration device is compliant with the IEEE Std.
1532 specification. The IEEE Std. 1532 is a standard that allows concurrent ISP
between devices from multiple vendors.
Table 1–11. Enhanced Configuration Device JTAG Instructions (Part 1 of 2) (Note 1)
JTAG Instruction
OPCODE
Description
SAMPLE/
PRELOAD
00 0101 0101
Allows a snapshot of the state of the enhanced configuration device pins to be
captured and examined during normal device operation and permits an initial
data pattern output at the device pins.
EXTEST
00 0000 0000
Allows the external circuitry and board-level interconnections to be tested by
forcing a test pattern at the output pins and capturing results at the input pins.
BYPASS
11 1111 1111
Places the 1-bit bypass register between the TDI and the TDO pins, which allow
the BST data to pass synchronously through a selected device to adjacent
devices during normal device operation.
IDCODE
00 0101 1001
Selects the device IDCODE register and places it between TDI and TDO,
allowing the device IDCODE to be serially shifted out to TDO. The device
IDCODE
for all enhanced configuration devices is the same and shown below:
0100A0DDh
USERCODE
00 0111 1001
Selects the USERCODE register and places it between TDI and TDO, allowing
the USERCODE to be serially shifted out the TDO. The 32-bit USERCODE is a
programmable user-defined pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com