Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G00 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G00
Description  DUAL 2-INPUT POSITIVE-NAND GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G00 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G00 Datasheet HTML 1Page - Texas Instruments SN74LVC2G00 Datasheet HTML 2Page - Texas Instruments SN74LVC2G00 Datasheet HTML 3Page - Texas Instruments SN74LVC2G00 Datasheet HTML 4Page - Texas Instruments SN74LVC2G00 Datasheet HTML 5Page - Texas Instruments SN74LVC2G00 Datasheet HTML 6Page - Texas Instruments SN74LVC2G00 Datasheet HTML 7Page - Texas Instruments SN74LVC2G00 Datasheet HTML 8Page - Texas Instruments SN74LVC2G00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
1A
2
7
1B
1Y
3
6
2Y
2B
4
5
GND
2A
3
6
2B
2Y
8
1
V
CC
1A
5
GND
4
2A
2
7
1Y
1B
GND
5
4
2A
3 6
2B
2Y
2 7
1Y
1B
8
V
CC
1
1A
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G00
DUAL 2-INPUT POSITIVE-NAND GATE
SCES193L – APRIL 1999 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Typical V
OHV (Output VOH Undershoot)
NanoFree™ Package
>2 V at V
CC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• I
off Supports Partial-Power-Down Mode
Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
• Max t
pd of 4.3 ns at 3.3 V
JESD 78, Class II
• Low Power Consumption, 10-µA Max I
CC
• ESD Protection Exceeds JESD 22
• ±24-mA Output Drive at 3.3 V
–
2000-V Human-Body Model (A114-A)
• Typical V
OLP (Output Ground Bounce)
–
1000-V Charged-Device Model (C101)
<0.8 V at V
CC = 3.3 V, TA = 25°C
This dual 2-input positive-NAND gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G00 performs the Boolean function Y = A
⋅ B or Y = A + B in positive logic.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC2G00YZPR
_ _ _CA_
0.23-mm Large Bump – YZP (Pb-free)
SSOP – DCT
Reel of 3000
SN74LVC2G00DCTR
C00_ _ _
–40
°C to 85°C
Reel of 3000
SN74LVC2G00DCUR
VSSOP – DCU
C00_
Reel of 250
SN74LVC2G00DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
SN74LVC2G00 TI2-SN74LVC2G00 Datasheet
714Kb / 26P
SN74LVC2G00 Dual 2-Input Positive-NAND Gate
REVISED JANUARY 2015
SN74LVC2G00-Q1 TI2-SN74LVC2G00-Q1 Datasheet
1Mb / 26P
SN74LVC2G00-Q1 Automotive, Dual 2-Input Positive-NAND Gates
SEPTEMBER 2026
SN74LVC2G00DCT3 TI1-SN74LVC2G00DCT3 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
More results

Similar Description - SN74LVC2G00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
DUAL 2 INPUT POSITIVE NAND GATE
SN74AUC2G00 TI-SN74AUC2G00 Datasheet
259Kb / 11P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI-SN74ALS8003A Datasheet
69Kb / 4P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AS8003 TI-SN74AS8003 Datasheet
293Kb / 8P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUC2G00 TI-SN74AUC2G00_07 Datasheet
517Kb / 13P
DUAL 2-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00 Datasheet
161Kb / 6P
DUAL 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC2G00W-EP TI1-SN74LVC2G00W-EP Datasheet
126Kb / 9P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI1-SN74ALS8003A_08 Datasheet
92Kb / 5P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00_18 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com