Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G32 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G32
Description  SINGLE 2-INPUT POSITIVE-OR GATE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G32 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G32 Datasheet HTML 1Page - Texas Instruments SN74LVC1G32 Datasheet HTML 2Page - Texas Instruments SN74LVC1G32 Datasheet HTML 3Page - Texas Instruments SN74LVC1G32 Datasheet HTML 4Page - Texas Instruments SN74LVC1G32 Datasheet HTML 5Page - Texas Instruments SN74LVC1G32 Datasheet HTML 6Page - Texas Instruments SN74LVC1G32 Datasheet HTML 7Page - Texas Instruments SN74LVC1G32 Datasheet HTML 8Page - Texas Instruments SN74LVC1G32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
NC – Nointernalconnection
DBVPACKAGE
(TOP VIEW)
2
5
3
4
Y
1
B
GND
A
V
CC
DCKPACKAGE
(TOP VIEW)
3
4
2
Y
1
GND
B
A
5
V
CC
DRL PACKAGE
(TOP VIEW)
2
B
1
A
3
4
GND
Y
5
V
CC
YZP PACKAGE
(BOTTOMVIEW)
2
B
1
A
GND
4
3
Y
5
V
CC
DRY PACKAGE
(TOP VIEW)
B
NC
A
6
5
4
2
3
GND
Y
V
CC
1
DESCRIPTION/ORDERING INFORMATION
The SN74LVC1G32 performs the Boolean function Y = A + B or Y =
•
A
B
in positive logic.
SN74LVC1G32
SINGLE 2-INPUT POSITIVE-OR GATE
SCES219O – APRIL 1999 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
• I
off Supports Partial-Power-Down Mode
NanoStar™ and NanoFree™ Packages
Operation
• Supports 5-V V
CC Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Inputs Accept Voltages to 5.5 V
• ESD Protection Exceeds JESD 22
• Max t
pd of 3.6 ns at 3.3 V
–
2000-V Human-Body Model (A114-A)
• Low Power Consumption, 10-µA Max I
CC
–
200-V Machine Model (A115-A)
• ± 24-mA Output Drive at 3.3 V
–
1000-V Charged-Device Model (C101)
This single 2-input positive-OR gate is designed for 1.65-V to 5.5-V VCC operation.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32 TI-SN74LVC1G32 Datasheet
444Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32 Datasheet
738Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI1-SN74LVC1G32 Datasheet
2Mb / 49P
Single 2-Input Positive-OR Gate
SN74LVC1G32 TI1-SN74LVC1G32 Datasheet
1,023Kb / 23P
SN74LVC1G32-Q1 Single 2-input positive-OR gate
More results

Similar Description - SN74LVC1G32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74AUP1G32 DIODES-74AUP1G32 Datasheet
188Kb / 11P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 1
logo
Texas Instruments
74AHCT1G32 TI-74AHCT1G32_13 Datasheet
974Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com