Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G32 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G32
Description  SINGLE 2-INPUT POSITIVE-OR GATE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G32 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G32 Datasheet HTML 1Page - Texas Instruments SN74LVC1G32 Datasheet HTML 2Page - Texas Instruments SN74LVC1G32 Datasheet HTML 3Page - Texas Instruments SN74LVC1G32 Datasheet HTML 4Page - Texas Instruments SN74LVC1G32 Datasheet HTML 5Page - Texas Instruments SN74LVC1G32 Datasheet HTML 6Page - Texas Instruments SN74LVC1G32 Datasheet HTML 7Page - Texas Instruments SN74LVC1G32 Datasheet HTML 8Page - Texas Instruments SN74LVC1G32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
SN74LVC1G32
SINGLE 2-INPUT POSITIVE-OR GATE
SCES219O – APRIL 1999 – REVISED FEBRUARY 2007
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC1G32YZPR
_ _ _CG_
0.23-mm Large Bump – YZP (Pb-free)
SON – DRY
Reel of 5000
SN74LVC1G32DRYR
CG_
SN74LVC1G32DBVR
Reel of 3000
SN74LVC1G32DBVRE4
SOT (SOT-23) – DBV
C32_
SN74LVC1G32DBVRG4
Tube of 250
SN74LVC1G32DBVT
–40
°C to 85°C
SN74LVC1G32DCKR
Reel of 3000
SN74LVC1G32DCKRE4
SOT (SC-70) – DCK
SN74LVC1G32DCKRG4
CG_
SN74LVC1G32DCKT
Tube of 250
SN74LVC1G32DCKTE4
SN74LVC1G32DRLR
SOT (SOT-553) – DRL
Reel of 4000
CG_
SN74LVC1G32DRLRG4
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL/DRY: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
H
X
H
X
H
H
L
L
L
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com