Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UESP10J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UESP10J
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UESP10J Datasheet(HTML) 1 Page - Gulf Semiconductor

  UESP10J Datasheet HTML 1Page - Gulf Semiconductor UESP10J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.1
www.gulfsemi.com
UESP10J
Ultra fast Plastic Power Rectifiers
VOLTAGE: 600V
CURRENT:10.0A
FEATURE
ITO-220AC
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over
passivated chip
Terminals: Plated Insert leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
UESP10J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
V
Maximum RMS Voltage
Vrms
420
V
Maximum DC blocking Voltage
Vdc
600
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
10.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
120
A
Maximum Forward Voltage at rated Forward
Current at 10A
Vf
1.8
V
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical thermal resistance junction to case
RθJc
5.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
500
µA
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - UESP10J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UESP10B GULFSEMI-UESP10B Datasheet
78Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 100V CURRENT:10.0A
UESP10D GULFSEMI-UESP10D Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
More results

Similar Description - UESP10J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FESP10J GULFSEMI-FESP10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UERA10B GULFSEMI-UERA10B Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 100V CURRENT:10.0A
UERB10J GULFSEMI-UERB10J Datasheet
113Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UERP10G GULFSEMI-UERP10G Datasheet
189Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:10.0A
UESA10J GULFSEMI-UESA10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSA10J GULFSEMI-UGSA10J Datasheet
106Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP04J GULFSEMI-UGSP04J Datasheet
75Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP10J GULFSEMI-UGSP10J Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com