Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA333
Description  Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA333_3 Datasheet HTML 8Page - Texas Instruments INA333_3 Datasheet HTML 9Page - Texas Instruments INA333_3 Datasheet HTML 10Page - Texas Instruments INA333_3 Datasheet HTML 11Page - Texas Instruments INA333_3 Datasheet HTML 12Page - Texas Instruments INA333_3 Datasheet HTML 13Page - Texas Instruments INA333_3 Datasheet HTML 14Page - Texas Instruments INA333_3 Datasheet HTML 15Page - Texas Instruments INA333_3 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
NOISE PERFORMANCE
INTERNAL OFFSET CORRECTION
INPUT BIAS CURRENT RETURN PATH
OFFSET TRIMMING
10kW
OPA333
±10mV
AdjustmentRange
100W
100W
100 A
m
1/2REF200
100 A
m
1/2REF200
V+
V-
R
G
INA333
Ref
V
O
V
IN-
V
IN+
INA333
SBOS445B – JULY 2008 – REVISED OCTOBER 2008 ..................................................................................................................................................... www.ti.com
Table 1. Commonly-Used Gains and Resistor Values
DESIRED GAIN
RG (Ω)
NEAREST 1% RG (Ω)
1
NC(1)
NC
2
100k
100k
5
25k
24.9k
10
11.1k
11k
20
5.26k
5.23k
50
2.04k
2.05
100
1.01k
1k
200
502.5
499
500
200.4
200
1000
100.1
100
(1)
NC denotes no connection. When using the SPICE model, the simulation will not converge unless a resistor is connected to the RG pins;
use a very large resistor value.
The auto-calibration technique used by the INA333
The INA333 internal op amps use an auto-calibration
results in reduced low frequency noise, typically only
technique with a time-continuous 350kHz op amp in
50nV/
√Hz, (G = 100). The spectral noise density can
the signal path. The amplifier is zero-corrected every
be seen in detail in Figure 8. Low frequency noise of
8
µs using a proprietary technique. Upon power-up,
the INA333 is approximately 1
µV
PP measured from
the amplifier requires approximately 100
µs to achieve
0.1Hz to 10Hz, (G = 100).
specified VOS accuracy. This design has no aliasing
or flicker noise.
The input impedance of the INA333 is extremely
high—approximately 100G
Ω. However, a path must
Most
applications
require
no
external
offset
be provided for the input bias current of both inputs.
adjustment; however, if necessary, adjustments can
This input bias current is typically ±70pA. High input
be made by applying a voltage to the REF terminal.
impedance
means
that
this
input
bias
current
Figure 33 shows an optional circuit for trimming the
changes very little with varying input voltage.
output offset voltage. The voltage applied to REF
terminal is summed at the output. The op amp buffer
Input circuitry must provide a path for this input bias
provides low impedance at the REF terminal to
current for proper operation. Figure 34 illustrates
preserve good common-mode rejection.
various provisions for an input bias current path.
Without a bias current path, the inputs will float to a
potential that exceeds the common-mode range of
the INA333, and the input amplifiers will saturate. If
the differential source resistance is low, the bias
current return path can be connected to one input
(see the thermocouple example in Figure 34). With
higher source impedance, using two equal resistors
provides a balanced input with possible advantages
of lower input offset voltage as a result of bias current
and better high-frequency common-mode rejection.
Figure 33. Optional Trimming of Output Offset
Voltage
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com