Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA333
Description  Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 1 Page - Texas Instruments

  INA333_3 Datasheet HTML 1Page - Texas Instruments INA333_3 Datasheet HTML 2Page - Texas Instruments INA333_3 Datasheet HTML 3Page - Texas Instruments INA333_3 Datasheet HTML 4Page - Texas Instruments INA333_3 Datasheet HTML 5Page - Texas Instruments INA333_3 Datasheet HTML 6Page - Texas Instruments INA333_3 Datasheet HTML 7Page - Texas Instruments INA333_3 Datasheet HTML 8Page - Texas Instruments INA333_3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
SampleRequest
ClickHere
50kW
150kW
150kW
A
1
A
3
V
OUT
V
IN-
6
REF
5
RFIFilteredInputs
2
V+
7
V-
4
1
8
150kW
150kW
50kW
A
2
V
IN+
RFIFilteredInputs
3
INA333
R
G
G=1+
100kW
R
G
RFIFilteredInputs
RFIFilteredInputs
INA333
www.ti.com ..................................................................................................................................................... SBOS445B – JULY 2008 – REVISED OCTOBER 2008
Micro-Power (50
µA), Zerø-Drift, Rail-to-Rail Out
Instrumentation Amplifier
2
• LOW OFFSET VOLTAGE: 25µV (max), G ≥ 100
The INA333 is a low-power, precision instrumentation
amplifier offering excellent accuracy. The versatile
• LOW DRIFT: 0.1µV/°C, G ≥ 100
3-op amp design, small size, and low power make it
• LOW NOISE: 50nV/√Hz, G ≥ 100
ideal for a wide range of portable applications.
• HIGH CMRR: 100dB (min), G ≥ 10
A single external resistor sets any gain from 1 to
• LOW INPUT BIAS CURRENT: 200pA (max)
1000.
The
INA333
is
designed
to
use
an
• SUPPLY RANGE: +1.8V to +5.5V
industry-standard gain equation: G = 1 + (100k
Ω/RG).
• INPUT VOLTAGE: (V–) +0.1V to (V+) –0.1V
The INA333 provides very low offset voltage (25
µV,
• OUTPUT RANGE: (V–) +0.05V to (V+) –0.05V
G
≥ 100), excellent offset voltage drift (0.1
µV/°C,
G
≥ 100), and high common-mode rejection (100dB
• LOW QUIESCENT CURRENT: 50µA
at G
≥ 10). It operates with power supplies as low as
• OPERATING TEMPERATURE: –40°C to +125°C
1.8V
(±0.9V),
and
quiescent
current
is
only
• RFI FILTERED INPUTS
50
µA—ideal for battery-operated systems. Using
autocalibration
techniques
to
ensure
excellent
• MSOP-8 AND DFN-8 PACKAGES
precision over the extended industrial temperature
range, the INA333 also offers exceptionally low noise
density (50nV/
√Hz) that extends down to dc.
• BRIDGE AMPLIFIERS
The INA333 is available in both MSOP-8 and DFN-8
• ECG AMPLIFIERS
surface-mount packages and is specified over the
• PRESSURE SENSORS
TA = –40°C to +125°C temperature range.
• MEDICAL INSTRUMENTATION
blank
• PORTABLE INSTRUMENTATION
• WEIGH SCALES
• THERMOCOUPLE AMPLIFIERS
• RTD SENSOR AMPLIFIERS
• DATA ACQUISITION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA333_3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI2-INA333-HT Datasheet
581Kb / 27P
Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
REVISED OCTOBER 2013
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-Q1 TI1-INA333-Q1 Datasheet
546Kb / 26P
INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
More results

Similar Description - INA333_3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_12 Datasheet
860Kb / 26P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
INA333 TI-INA333_15 Datasheet
827Kb / 27P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com