Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGSP15D Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UGSP15D
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:15.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UGSP15D Datasheet(HTML) 1 Page - Gulf Semiconductor

  UGSP15D Datasheet HTML 1Page - Gulf Semiconductor UGSP15D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UGSP15D
Ultra fast Plastic Power Rectifiers
VOLTAGE: 200V
CURRENT:15.0A
FEATURE
ITO-220AC
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over
passivated chip
Terminals: Plated Insert leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
UGSP15D
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
V
Maximum RMS Voltage
Vrms
140
V
Maximum DC blocking Voltage
Vdc
200
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
15.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
150
A
Maximum Forward Voltage at rated Forward
Current at 15A
Vf
1.2
V
Maximum Reverse Recovery Time
(Note 1)
Trr
25
nS
Typical thermal resistance junction to case
RθJc
5.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
100
µA
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - UGSP15D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGSP10D GULFSEMI-UGSP10D Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
UGSP10J GULFSEMI-UGSP10J Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
More results

Similar Description - UGSP15D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FERP15K GULFSEMI-FERP15K Datasheet
65Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 15.0A
UERP15D GULFSEMI-UERP15D Datasheet
183Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:15.0A
UESA15J GULFSEMI-UESA15J Datasheet
71Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:15.0A
UESP08D GULFSEMI-UESP08D Datasheet
110Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:8.0A
UESP15J GULFSEMI-UESP15J Datasheet
73Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:15.0A
UESP15JS GULFSEMI-UESP15JS Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:15.0A
UGRA16D GULFSEMI-UGRA16D Datasheet
177Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
UGRB16D GULFSEMI-UGRB16D Datasheet
207Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com