Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062ACD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ACD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL062ACD Datasheet HTML 2Page - Texas Instruments TL062ACD Datasheet HTML 3Page - Texas Instruments TL062ACD Datasheet HTML 4Page - Texas Instruments TL062ACD Datasheet HTML 5Page - Texas Instruments TL062ACD Datasheet HTML 6Page - Texas Instruments TL062ACD Datasheet HTML 7Page - Texas Instruments TL062ACD Datasheet HTML 8Page - Texas Instruments TL062ACD Datasheet HTML 9Page - Texas Instruments TL062ACD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL061C
TL062C
TL064C
TL061AC
TL062AC
TL064AC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0,
TA = 25°C
3
15
3
6
mV
VIO
Input offset voltage
VO = 0,
RS =50 Ω
TA = Full range
20
7.5
mV
α
V
IO
Temperature coefficient
of input offset voltage
VO = 0, RS =50 Ω,
TA = Full range
10
10
µV/°C
IIO
Input offset current
VO = 0
TA = 25°C
5
200
5
100
pA
IIO
Input offset current
VO = 0
TA = Full range
5
3
nA
IIB
Input bias current‡
VO = 0
TA = 25°C
30
400
30
200
pA
IIB
Input bias current‡
VO = 0
TA = Full range
10
7
nA
VICR
Common-mode
TA = 25°C
±11
−12
to
±11
−12
to
V
VICR
Common-mode
input voltage range
TA = 25°C
±11
to
15
±11
to
15
V
VOM
Maximum peak output
RL = 10 kΩ,
TA = 25°C
±10 ±13.5
±10 ±13.5
V
VOM
Maximum peak output
voltage swing
RL ≥ 10 kΩ,
TA = Full range
±10
±10
V
AVD
Large-signal differential
VO = ± 10 V,
TA = 25°C
3
6
4
6
V/mV
AVD
Large-signal differential
voltage amplification
VO = ± 10 V,
RL ≥ 10 kΩ
TA = Full range
3
4
V/mV
B1
Unity-gain bandwidth
RL = 10 kΩ,
TA = 25°C
1
1
MHz
ri
Input resistance
TA = 25°C
1012
1012
Ω
CMRR
Common-mode rejection
ratio
VIC = VICRmin, VO = 0,
RS = 50 Ω, TA = 25°C
70
86
80
86
dB
kSVR
Supply-voltage rejection
ratio
VCC = ± 9 V to ± 15 V,
VO = 0, RS = 50 Ω
70
95
80
95
dB
kSVR
ratio
(
∆VCC±/∆VIO)
CC
VO = 0, RS = 50 Ω,
TA = 25°C
70
95
80
95
dB
PD
Total power dissipation
(each amplifier)
VO = 0,
No load
TA = 25°C,
6
7.5
6
7.5
mW
ICC
Supply current
(each amplifier)
VO = 0,
No load
TA = 25°C,
200
250
200
250
µA
VO1/VO2
Crosstalk attenuation
AVD = 100,
TA = 25°C
120
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full range for
TA is 0°C to 70°C for TL06_C, TL06_AC, and TL06_BC and −40°C to 85°C for TL06_I.
‡ Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in
Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com