Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062ACD Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ACD Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL062ACD Datasheet HTML 15Page - Texas Instruments TL062ACD Datasheet HTML 16Page - Texas Instruments TL062ACD Datasheet HTML 17Page - Texas Instruments TL062ACD Datasheet HTML 18Page - Texas Instruments TL062ACD Datasheet HTML 19Page - Texas Instruments TL062ACD Datasheet HTML 20Page - Texas Instruments TL062ACD Datasheet HTML 21Page - Texas Instruments TL062ACD Datasheet HTML 22Page - Texas Instruments TL062ACD Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TL062
220 k
Ω
−
+
0.00375
µF
TL062
−
+
10 pF
68 k
Ω
0.003
µF
0.03
µF
0.03
µF
10 k
Ω 3.3 kΩ
0.003
µF
VCC−
VCC+
Output
Input
VCC−
VCC+
10 pF
MIN
MAX
100 k
Ω
Treble
MIN
MAX
100 k
Ω
Bass
10 k
Ω
10 k
Ω
+
0.01
µF
27 k
Ω
100
Ω
Balance
100
Ω
50 pF
+
75
µF
47
µF
5 k
Ω
Gain
47 k
Ω
1
µF
TA = 25°C
VCC± = ±15 V
Max
Treble
Max Bass
200
10 k
4 k
2 k
1 k
400
40
100
20
15
10
5
0
−5
−10
−15
−20
−25
20 k
25
f − Frequency − Hz
20
IC PREAMPLIFIER RESPONSE CHARACTERISTICS
Min
Treble
Min Bass
Figure 27. IC Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com