Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G19DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G19DBVRG4
Description  1-OF-2 DECODER/DEMULTIPLEXER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G19DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G19DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
6
5
3
4
Y
1
1
GND
E
A
Y
0
V
CC
DCK PACKAGE
(TOP VIEW)
3
4
E
2
GND
Y
1
1
A
6
5
Y
0
V
CC
DRL PACKAGE
(TOP VIEW)
2
GND
1
A
3
4
E
Y
1
6
5
Y
0
V
CC
YZP PACKAGE
(BOTTOM VIEW)
2
GND
1
A
E
4
3
Y
1
6
5
Y
0
V
CC
DRY PACKAGE
(TOP VIEW)
GND
V
CC
A
6
5
4
2
3
E
Y
1
Y
0
1
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G19
1-OF-2 DECODER/DEMULTIPLEXER
SCES464E – JUNE 2003 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
• V
OHV (Output VOH Undershoot) >2 V Typ
NanoFree™ Package
at VCC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• I
off Supports Partial-Power-Down Mode
Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
• Max t
pd of 4 ns at 3.3 V
JESD 78, Class II
• Low Power Consumption, 10-µA Max I
CC
• ESD Protection Exceeds JESD 22
• ±24-mA Output Drive at 3.3 V
–
2000-V Human-Body Model (A114-A)
• V
OLP (Output Ground Bounce) <0.8 V Typ at
–
200-V Machine Model (A115-A)
V
CC = 3.3 V, TA = 25°C
–
1000-V Charged-Device Model (C101)
This decoder/demultiplexer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G19 is a 1-of-2 decoder/demultiplexer. This device buffers the data on input A and passes it to
the outputs Y0 (true) and Y1 (complement) when the enable (E) input signal is low.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G19DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G19DBVRG4 TI1-SN74LVC1G19DBVRG4 Datasheet
1Mb / 29P
1-of-2 Decoder and Demultiplexer
More results

Similar Description - SN74LVC1G19DBVRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74AUC1G19 TI-SN74AUC1G19_1 Datasheet
752Kb / 17P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com