Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL317CD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL317CD
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL317CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL317CD Datasheet HTML 2Page - Texas Instruments TL317CD Datasheet HTML 3Page - Texas Instruments TL317CD Datasheet HTML 4Page - Texas Instruments TL317CD Datasheet HTML 5Page - Texas Instruments TL317CD Datasheet HTML 6Page - Texas Instruments TL317CD Datasheet HTML 7Page - Texas Instruments TL317CD Datasheet HTML 8Page - Texas Instruments TL317CD Datasheet HTML 9Page - Texas Instruments TL317CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TL317
3TERMINAL ADJUSTABLE REGULATOR
SLVS004G − APRIL 1979 − REVISED SEPTEMBER 2009
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 5. Tracking Preregulator Circuit
R3 =
240
Ω
VI
C1 = 0.1
µF
C2 = 1
µF
Output
Adjust
VO
R2 = 1.5 k
Ω
R1 = 470
Ω
TL317
R4 =
2 k
Ω
Adjustment
Output
Input
TL317
Adjustment
Output
Input
Figure 6. Slow-Turnon 15-V Regulator Circuit
R1 =
470
Ω
R2 = 5.1 k
Ω
C1 = 25
µF
2N2905
R3 = 50 k
Ω
1N4002
VO = 15 V
VI
TL317
Adjustment
Output
Input
Figure 7. 50-mA Constant-Current
Battery-Charger Circuit
VI
24
Ω
TL317
Adjustment
Output
Input
Figure 8. Current-Limited 6-V Charger
1.1 k
Ω
240
Ω
V−
VI
TL317
Adjustment
Output
Input
ICHG
R
+
V
BE
I
CHG
VBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com