Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL317CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL317CD
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL317CD Datasheet(HTML) 3 Page - Texas Instruments

  TL317CD Datasheet HTML 1Page - Texas Instruments TL317CD Datasheet HTML 2Page - Texas Instruments TL317CD Datasheet HTML 3Page - Texas Instruments TL317CD Datasheet HTML 4Page - Texas Instruments TL317CD Datasheet HTML 5Page - Texas Instruments TL317CD Datasheet HTML 6Page - Texas Instruments TL317CD Datasheet HTML 7Page - Texas Instruments TL317CD Datasheet HTML 8Page - Texas Instruments TL317CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TL317
3TERMINAL ADJUSTABLE REGULATOR
SLVS004G − APRIL 1979 − REVISED SEPTEMBER 2009
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic
11.5 k
Ω
124
Ω
200 k
Ω
195
Ω
5.3 k
Ω 5.7 k
Ω 70 Ω
5.1 k
Ω
pF
30
pF
30
2.1 k
Ω
2.12 k
Ω
10.8 k
Ω
40
Ω
ADJUSTMENT
OUTPUT
670
Ω
1.4
Ω
360
Ω
INPUT
310
Ω
5.6 k
Ω
251
W
190
Ω
310
Ω
NOTE A: All component values shown are nominal.
absolute maximum ratings over operating temperature range (unless otherwise noted)†
Input-to-output differential voltage, Vl − VO
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP package
140
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
PS package
95
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
149
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VI − VO
Input-to-output voltage differential
35
V
IO
Output current
2.5
100
mA
TJ
Operating virtual-junction temperature
TL317C
0
125
°C
TJ
Operating virtual-junction temperature
TL317
−20
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com