Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL317CLPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL317CLPR
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL317CLPR Datasheet(HTML) 4 Page - Texas Instruments

  TL317CLPR Datasheet HTML 1Page - Texas Instruments TL317CLPR Datasheet HTML 2Page - Texas Instruments TL317CLPR Datasheet HTML 3Page - Texas Instruments TL317CLPR Datasheet HTML 4Page - Texas Instruments TL317CLPR Datasheet HTML 5Page - Texas Instruments TL317CLPR Datasheet HTML 6Page - Texas Instruments TL317CLPR Datasheet HTML 7Page - Texas Instruments TL317CLPR Datasheet HTML 8Page - Texas Instruments TL317CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TL317
3TERMINAL ADJUSTABLE REGULATOR
SLVS004G − APRIL 1979 − REVISED SEPTEMBER 2009
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual-junction temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
TL317C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Input voltage regulation (see Note 3)
VI − VO = 5 V to 35 V
TJ = 25°C
0.01
0.02
%V
Input voltage regulation (see Note 3)
VI − VO = 5 V to 35 V
IO = 2.5 mA to 100 mA
0.02
0.05
%V
VO = 10 V,
f = 120 Hz
65
Ripple regulation
VO = 10 V,
10-
µF capacitor between ADJUSTMENT and ground
66
80
dB
VI = 5 V to 35 V,
IO = 2.5 mA to 100 mA,
VO ≤ 5 V
25
mV
Output voltage regulation
I
IO = 2.5 mA to 100 mA,
TJ = 25°C
VO ≥ 5 V
5
mV/V
Output voltage regulation
VI = 5 V to 35 V,
VO ≤ 5 V
50
mV
VI = 5 V to 35 V,
IO = 2.5 mA to 100 mA
VO ≥ 5 V
10
mV/V
Output voltage change with temperature
TJ = 0°C to 125°C
10
mV/V
Output voltage long-term drift
After 1000 hours at TJ = 125°C and VI − VO = 35 V
3
10
mV/V
Output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
30
µV/V
Minimum output current to maintain regulation
VI − VO = 35 V
1.5
2.5
mA
Peak output current
VI − VO ≤ 35 V
100
200
mA
ADJUSTMENT current
50
100
µA
Change in ADJUSTMENT current
VI − VO = 2.5 V to 35 V,
IO = 2.5 mA to 100 mA
0.2
5
µA
Reference voltage (output to ADJUSTMENT)
VI − VO = 5 V to 35 V,
P
≤ rated dissipation
IO = 2.5 mA to 100 mA,
1.2
1.25
1.3
V
† Unless otherwise noted, these specifications apply for the following test conditions: VI − VO = 5 V and IO = 40 mA. Pulse-testing techniques must
be used that maintain the junction temperature as close to the ambient temperature as possible. All characteristics are measured with a 0.1-
µF
capacitor across the input and a 1-
µF capacitor across the output.
NOTE 3: Input voltage regulation is expressed here as the percentage change in output voltage per 1-V change at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com