Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL317CLPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL317CLPR
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL317CLPR Datasheet(HTML) 5 Page - Texas Instruments

  TL317CLPR Datasheet HTML 1Page - Texas Instruments TL317CLPR Datasheet HTML 2Page - Texas Instruments TL317CLPR Datasheet HTML 3Page - Texas Instruments TL317CLPR Datasheet HTML 4Page - Texas Instruments TL317CLPR Datasheet HTML 5Page - Texas Instruments TL317CLPR Datasheet HTML 6Page - Texas Instruments TL317CLPR Datasheet HTML 7Page - Texas Instruments TL317CLPR Datasheet HTML 8Page - Texas Instruments TL317CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TL317
3TERMINAL ADJUSTABLE REGULATOR
SLVS004G − APRIL 1979 − REVISED SEPTEMBER 2009
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 1. Adjustable Voltage Regulator
C1 = 0.1
µF
(see Note A)
VI
470
Ω
R1
R2
C2 = 1
µF
(see Note C)
VO
(see Note B)
Adjustment
Output
Input
TL317
NOTES: A. Use of an input bypass capacitor is recommended if
regulator is far from the filter capacitors.
B. Output voltage is calculated from the equation:
where: Vref equals the difference between OUTPUT and
ADJUSTMENT voltages (
≈1.25 V).
C. Use of an output capacitor improves transient response,
but is optional.
V
O + Vref 1 )
R2
R1
Figure 2. 0-V to 30-V Regulator Circuit
VO
(see Note A)
R2 = 3 k
Ω
1N4002
R3 =
820
Ω
−10 V
C1 = 0.1
µF
35 V
Adjustment
Output
Input
TL317
NOTE A: Output voltage is calculated from the equation:
where: Vref equals the difference between OUTPUT
and ADJUSTMENT voltages (
≈1.25 V).
R1 = 120
Ω
V
O + Vref 1 )
R2
) R3
R1
* 10 V
Figure 3. Regulator Circuit
With Improved Ripple Rejection
R1 =
470
Ω
D1†
1N4002
C3 = 1
µF
C2 = 10
µF
R2 =
10 k
Ω
VI
+
+
−
−
Adjustment
Output
Input
TL317
† D1 discharges C2 if output is shorted to ground.
NOTE A: Use of an output capacitor improves transient response, but is
optional.
VO
(see Note A)
C1 =
0.1
µF
Figure 4. Precision Current-Limiter Circuit
VI
R1
Adjustment
Output
Input
TL317
I
limit +
1.25
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com