Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS16
Description  SURFACE MOUNT DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS16 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS16 Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. ANODE
2. NC
3. CATHODE
3
2
-
T
O
S3
2
-
T
O
S
3
2
-
T
O
S
3
2
-
T
O
S3
2
-
T
O
S
(1)
(3)
(2)
(UNITS: mm)
RECTRON USA
1315 John Reed Court, Industry, CA 91745
Tel: (626) 333-3802 Fax: (626) 330-6296 www.rectron.com
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BAS16
RECTRON
SURFACE MOUNT DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse VoltageVRRM
75
V
Reverse
Recovery Time
trr
4
ns
Forward Voltage
@ If = 50 mA
VF
1.0
V
Forward Current
IF
215
mA
Junction Temp.
Tj
-55 to 150
°C
Storage Temp.
Tstg
-55 to 150
°C
Mechanical Data
Items
Materials
Package
SOT-23
Lead Frame
42 Alloy
Lead Finish
Solder Plating
Bond Wire
Au
Mold Resin
Epoxy
Chip
Silicon
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
85
V
Repetitive Peak Forward Current
IFRM
500
mA
Forward Voltage
IF= 1mA
IF= 10mA
IF= 50mA
IF= 100mA
VF
715
855
1000
1250
mV
Reverse Current
VR= 75V
VR= 25V (Tj= 150
°C)
VR= 75V (Tj= 150
°C)
IR
1.0
30
50
uA
Junction Capacitance VR = 0 V, f = 1MHz
Cj
2.0
pF
Reverse Recovery Time IF= IR= 10mA; RL= 100
Ω
trr
4
ns
Recoery Charge
IF= 10mA, VR= 5V, RL= 100
Ω
Qs
45
pC


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Rectron Semiconductor
BAS19 RECTRON-BAS19 Datasheet
18Kb / 1P
SURFACE MOUNT DIODE
BAS20 RECTRON-BAS20 Datasheet
17Kb / 1P
SURFACE MOUNT DIODE
BAS21 RECTRON-BAS21 Datasheet
18Kb / 1P
SURFACE MOUNT DIODE
logo
Semikron International
RGL34A SEMIKRON-RGL34A_07 Datasheet
113Kb / 2P
Surface mount diode
RGL1A SEMIKRON-RGL1A_07 Datasheet
120Kb / 2P
Surface mount diode
FR1A SEMIKRON-FR1A_07 Datasheet
114Kb / 2P
Surface mount diode
Z2SMB1 SEMIKRON-Z2SMB1 Datasheet
54Kb / 1P
Surface mount diode
S5A SEMIKRON-S5A_07 Datasheet
117Kb / 2P
Surface mount diode
logo
Shenzhen Luguang Electr...
DBL0.3J LUGUANG-DBL0.3J Datasheet
1Mb / 2P
Surface Mount Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com