Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV70
Description  SURFACE MOUNT, DUAL 1N4148 COMMON CATHODE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV70 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV70 Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. ANODE
2. ANODE
3. CATHODE
3
2
-
T
O
S3
2
-
T
O
S
3
2
-
T
O
S
3
2
-
T
O
S3
2
-
T
O
S
(1)
(3)
(2)
(UNITS: mm)
RECTRON USA
1315 John Reed Court, Industry, CA 91745
Tel: (626) 333-3802 Fax: (626) 330-6296 www.rectron.com
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BAV70
RECTRON
SURFACE MOUNT, DUAL 1N4148 COMMON CATHODE DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse VoltageVR
70
V
Reverse
Recovery Time
trr
4
ns
Forward Voltage
@ If = 50 mA
VF
1.0
V
Forward Current
IF
215
mA
Junction Temp.
Tj
-55 to 150
°C
Storage Temp.
Tstg
-55 to 150
°C
Mechanical Data
Items
Materials
Package
SOT-23
Lead Frame
42 Alloy
Lead Finish
Solder Plating
Bond Wire
Au
Mold Resin
Epoxy
Chip
Silicon
Electrical Characteristics per Diode (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Reverse Voltage
IR= 100uA
VR
70
V
Repetitive Peak Reverse Voltage
VRRM
75
V
Repetitive Peak Forward Current
IFRM
450
mA
Forward Voltage
IF= 1mA
IF= 10mA
IF= 50mA
IF= 150mA
VF
715
855
1000
1250
mV
Reverse Current
VR= 75V
VR= 25V (Tj= 150
°C)
VR= 75V (Tj= 150
°C)
IR
2.5
60
100
uA
Junction Capacitance
VR = 0 V, f = 1MHz
Cj
1.5
pF
Reverse Recovery Time IF= IR= 10mA; RL= 100 ohms
trr
4
ns
Thermal Resistance (junction to ambient)
R
ΘJA
500
°C/W


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
Dual Switching Diode Common Cathode
logo
Rectron Semiconductor
BAW56 RECTRON-BAW56 Datasheet
18Kb / 1P
SURFACE MOUNT, DUAL 1N4148 COMMON ANODE DIODE
logo
SeCoS Halbleitertechnol...
BAV70 SECOS-BAV70 Datasheet
261Kb / 2P
Dual Chips Common Cathode Surface Mount Switching Diode
logo
ON Semiconductor
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
584826 ONSEMI-584826 Datasheet
111Kb / 4P
Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
logo
SeCoS Halbleitertechnol...
BAV70W SECOS-BAV70W_15 Datasheet
506Kb / 3P
Dual Chips Common Cathode Surface Mount Switching Diode
logo
Central Semiconductor C...
CSHD6-60C CENTRAL-CSHD6-60C_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON DUAL, COMMON CATHODE
CZR1-04C CENTRAL-CZR1-04C_15 Datasheet
370Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON RECTIFIERS
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com