Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-2ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4091-2ACPZ-R2
Description  Precision Micropower, OVP, RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-2ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4091-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision Micropower, OVP, RRIO
Operational Amplifier
ADA4091-2/ADA4091-4
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 2.7 V to 36 V
Wide input voltage range
Rail-to-rail output swing
Low supply current: 200 µA/amplifier
Wide bandwidth: 1.2 MHz
Slew rate: 0.46 V/µs
Low offset voltage: 250 µV maximum
No phase reversal
Overvoltage protection (OVP)
25 V above/below supply rails at ±5 V
12 V above/below supply rails at ±15 V
APPLICATIONS
Industrial process control
Battery-powered instrumentation
Power supply control and protection
Telecommunications
Remote sensors
Low voltage strain gage amplifiers
DAC output amplifiers
GENERAL DESCRIPTION
The ADA4091-2 dual and ADA4091-4 quad are micropower,
single-supply, 1.2 MHz bandwidth amplifiers featuring rail-to-
rail inputs and outputs. They are guaranteed to operate from a
+2.7 V to +30 V single supply as well as from ±1.35 V to ±15 V
dual supplies.
The ADA4091 family features a unique input stage that allows
the input voltage to exceed either supply safely without any phase
reversal or latch-up; this is called overvoltage protection, or OVP.
Applications for these amplifiers include portable telecom-
munications equipment, power supply control and protection,
and interface for transducers with wide output ranges. Sensors
requiring a rail-to-rail input amplifier include Hall effect, piezo-
electric, and resistive transducers.
The ability to swing rail-to-rail at both the input and output enables
designers, for example, to build multistage filters in single-supply
systems and to maintain high signal-to-noise ratios (SNR).
The ADA4091 family is specified over the extended industrial
temperature range of −40°C to +125°C. The ADA4091 family is
part of the growing selection of 36 V, low power op amps from
Analog Devices, Inc., (see Table 1).
PIN CONFIGURATIONS
OUTA
1
–INA
2
+INA
3
–V
4
+V
8
OUTB
7
–INB
6
+INB
5
ADA4091-2
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead, Narrow-Body SOIC (R-8)
1
OUTA
2
–INA
3
+INA
4
–V
7 OUTB
8 +V
6 –INB
5 +INB
TOP VIEW
ADA4091-2
(Not to Scale)
NOTES
1. IT IS RECOMMENDED TO CONNECT THE
EXPOSED PAD TO V–.
Figure 2. 8-Lead LFCSP (CP-8-9)
ADA4091-4
1
2
3
4
5
6
7
–INA
+INA
+V
OUTB
–INB
+INB
OUTA
14
13
12
11
10
9
8
–IND
+IND
–V
OUTC
–INC
+INC
OUTD
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead TSSOP (RU-14)
12
11
10
1
3
4
–IND
+IND
V–
9
+INC
–INA
V+
2
+INA
+INB
TOP
VIEW
ADA4091-4
NOTES
1. NC = NO CONNECT.
2. IT IS RECOMMENDED TO CONNECT THE
EXPOSED PAD TO V–.
Figure 4. 16-Lead LFCSP (CP-16-17)
The ADA4091-2 is available in 8-lead, plastic SOIC and 8-lead
LFCSP packages. The ADA4091-4 is available in 14–lead TSSOP
and 16-lead LFCSP surface-mount packages.
Table 1. Low Power, 36 V Operational Amplifiers
Family
Rail-to-Rail I/O
PJFET
Low Noise
Single
OP1177
Dual
ADA4091-2
AD8682
OP2177
Quad
ADA4091-4
AD8684
OP4177


Similar Part No. - ADA4091-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4091-2ACPZ-R2 AD-ADA4091-2ACPZ-R2 Datasheet
550Kb / 20P
Precision Micropower, OVP, RRIO Operational Amplifier
Rev. H
ADA4091-2ACPZ-R2 AD-ADA4091-2ACPZ-R2 Datasheet
549Kb / 20P
Precision Micropower, OVP, RRIO Operational Amplifier
Rev. H
More results

Similar Description - ADA4091-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
August 12, 2010
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
1Mb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
July 22, 2011
logo
Analog Devices
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
ADA4091-2 AD-ADA4091-2_16 Datasheet
550Kb / 20P
Precision Micropower, OVP, RRIO Operational Amplifier
Rev. H
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
Micropower RRIO Operational Amplifier
Rev. B
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com