Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-2ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4091-2ACPZ-R2
Description  Precision Micropower, OVP, RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-2ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4091-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4091-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADA4091-2/ADA4091-4
Rev. E | Page 18 of 20
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4091-2ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADA4091-2ARZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADA4091-2ARZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
ADA4091-2ACPZ-R2
−40°C to +125°C
8-Lead Frame Chip Scale Package (LFCSP_VD)
CP-8-9
A1Z
ADA4091-2ACPZ-R7
−40°C to +125°C
8-Lead Frame Chip Scale Package (LFCSP_VD)
CP-8-9
A1Z
ADA4091-2ACPZ-RL
−40°C to +125°C
8-Lead Frame Chip Scale Package (LFCSP_VD)
CP-8-9
A1Z
ADA4091-4ARUZ
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4091-4ARUZ-RL
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4091-4ACPZ-R2
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-16-17
ADA4091-4ACPZ-R7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-16-17
ADA4091-4ACPZ-RL
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-16-17
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com