Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC8520RHAT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520RHAT
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520RHAT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC8520RHAT Datasheet HTML 2Page - Texas Instruments CC8520RHAT Datasheet HTML 3Page - Texas Instruments CC8520RHAT Datasheet HTML 4Page - Texas Instruments CC8520RHAT Datasheet HTML 5Page - Texas Instruments CC8520RHAT Datasheet HTML 6Page - Texas Instruments CC8520RHAT Datasheet HTML 7Page - Texas Instruments CC8520RHAT Datasheet HTML 8Page - Texas Instruments CC8520RHAT Datasheet HTML 9Page - Texas Instruments CC8520RHAT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
6
Copyright
© 2010, Texas Instruments Incorporated
PIN
PIN NAME
PIN TYPE
DESCRIPTION
10
IODVDD
Power
(I/O pads)
Digital power supply for the digital I/Os in the SPI interface and GIO1-GIO3.
11
RSTN
Digital Input
(pull-up)
Active-low device reset
12
IOVDD
Power
(I/O pins)
Digital power supply for the RSTN and MCLK digital I/O pins.
13
MCLK
GIO4
Digital I/O
1
Master clock output for external audio devices
General-purpose digital I/O pin 4
14
BCLK
GIO5
Digital I/O
1
I2S/DSP audio interface bit clock (in/out)
General-purpose digital I/O pin 5
15
WCLK
GIO6
Digital I/O
1
I2S/DSP audio interface word clock (in/out)
General-purpose digital I/O pin 6
16
AD0
GIO7
Digital I/O
1
I2S/DSP audio interface data line 0 (in/out)
General-purpose digital I/O pin 7
17
AD1
GIO8
Digital I/O
1
I2S/DSP audio interface data line 1 (in/out)
General-purpose digital I/O pin 8
18
IOVDD
Power
(I/O pins)
Digital power supply for the digital I/Os in audio interface (BCLK-AD2).
19
AD2
GIO9
Digital I/O
2
I2S/DSP audio interface data line 2 (in/out)
Configurable with PurePath™ Wireless Configurator
20
AVDD
Power (Analog)
2.0-3.6V analog power supply connection
21
XI
Analog I/O
Crystal oscillator pin input, or external clock input (48 MHz)
22
XO
Analog I/O
Crystal oscillator pin output (48 MHz)
23
AVDD
Power (Analog)
Analog power supply connection
24
RF_P
RF I/O
Positive differential RF input signal to LNA in receive mode
Positive differential RF output signal from PA in transmit mode
25
RF_N
RF I/O
Negative differential RF input signal to LNA in receive mode
Negative differential RF output signal from PA in transmit mode
26
AVDD
Power (Analog)
Analog power supply connection
27
AVDD
Power (Analog)
Analog power supply connection
28
AVDD
Power (Analog)
Analog power supply connection
29
VBAT
Analog input
Battery voltage supervisor (threshold level programmable by external resistor to positive
battery terminal)
30
RBIAS
Analog output
External precision bias resistor for reference current. 56 k
Ω, ±1%
31
AVDD
Power (Analog)
Analog power supply connection (Guard ring AVDD connection for digital noise isolation)
32
SCL
GIO10
Digital I/O
1
I2C master clock line. Must be connected to external pull-up
General-purpose digital I/O pin 10
33
SDA
GIO11
Digital I/O
1
I2C master data line. Must be connected to external pull-up
General-purpose digital I/O pin 11
34
GIO12
Digital I/O
1
General-purpose digital I/O pin 12
35
GIO13
Digital I/O
1
General-purpose digital I/O pin 13
36
XLNAEN
Digital I/O
2
Control external LNA
37
IODVDD
Power (I/O pads)
Digital power supply for SCL-GIO15 pins.
38
XPAEN
Digital I/O
2
Control external PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com